Electronic Components Datasheet Search
  English  ▼

X  

HMC451LC3 Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC451LC3
Description  GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 5 - 20 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC451LC3 Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC451LC3 Datasheet HTML 1Page - Hittite Microwave Corporation HMC451LC3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC451LC3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC451LC3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC451LC3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC451LC3 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
11
11 - 130
Pin Descriptions
Pin Number
Function
Description
Interface Schematic
1, 2, 4 - 9, 11,
12, 14, 15
N/C
This pin may be connected to RF/DC ground.
Performance will not be affected.
3RFIN
This pin is AC coupled and matched
to 50 Ohms from 5 - 20 GHz.
10
RFOUT
This pin is AC coupled and matched
to 50 Ohms from 5 - 20 GHz.
13
Vdd2
Power Supply Voltage for the amplifier. External bypass
capacitors of 100 pF, 1,000 pF and 2.2 μF are required.
16
Vdd1
Power Supply Voltage for the amplifier. External bypass
capacitors of 100 pF, 1,000 pF and 2.2 μF are required.
GND
Package bottom must be connected to RF/DC ground.
Component
Value
C1, C2
100 pF
C3, C4
1,000 pF
C5, C6
2.2 μF
Application Circuit
HMC451LC3
v04.1208
GaAs PHEMT MMIC MEDIUM
POWER AMPLIFIER, 5 - 20 GHz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com