Electronic Components Datasheet Search
  English  ▼

X  

HMC451LC3 Datasheet(PDF) 6 Page - Hittite Microwave Corporation

Part # HMC451LC3
Description  GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 5 - 20 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC451LC3 Datasheet(HTML) 6 Page - Hittite Microwave Corporation

  HMC451LC3 Datasheet HTML 1Page - Hittite Microwave Corporation HMC451LC3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC451LC3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC451LC3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC451LC3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC451LC3 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
11
11 - 131
Evaluation PCB
The circuit board used in the final application should
use RF circuit design techniques. Signal lines
should have 50 ohm impedance while the package
ground leads and exposed paddle should be con-
nected directly to the ground plane similar to that
shown. A sufficient number of via holes should be
used to connect the top and bottom ground planes.
The evaluation board should be mounted to an
appropriate heat sink. The evaluation circuit board
shown is available from Hittite upon request.
List of Materials for Evaluation PCB 111667 [1]
Item
Description
J1 - J2
PCB Mount SMA Connector
J3 - J5
DC Pin
C1, C2
100 pF Capacitor, 0402 Pkg.
C3, C4
1000 pF Capacitor, 0603 Pkg.
C5, C6
2.2 μF Capacitor, Tantalum
U1
HMC451LC3 Amplifier
PCB [2]
111665 Evaluation PCB, 10 mils
[1] Reference this number when ordering complete evaluation PCB
[2] Circuit Board Material: Rogers 4350
HMC451LC3
v04.1208
GaAs PHEMT MMIC MEDIUM
POWER AMPLIFIER, 5 - 20 GHz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com