Electronic Components Datasheet Search
  English  ▼

X  

ICS9LPRS480 Datasheet(PDF) 19 Page - Integrated Device Technology

Part # ICS9LPRS480
Description  Programmable System Clock Chip for ATI RS780 - K8TM based Systems
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9LPRS480 Datasheet(HTML) 19 Page - Integrated Device Technology

Back Button ICS9LPRS480 Datasheet HTML 15Page - Integrated Device Technology ICS9LPRS480 Datasheet HTML 16Page - Integrated Device Technology ICS9LPRS480 Datasheet HTML 17Page - Integrated Device Technology ICS9LPRS480 Datasheet HTML 18Page - Integrated Device Technology ICS9LPRS480 Datasheet HTML 19Page - Integrated Device Technology ICS9LPRS480 Datasheet HTML 20Page - Integrated Device Technology ICS9LPRS480 Datasheet HTML 21Page - Integrated Device Technology ICS9LPRS480 Datasheet HTML 22Page - Integrated Device Technology ICS9LPRS480 Datasheet HTML 23Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
19
Integrated
Circuit
Systems, Inc.
ICS9LPRS480
1391D—02/02/09
SMBus Table: Byte Count Register
Byte
8
Name
Control Function
Type
0
1
Default
Bit 7
0
Bit 6
0
Bit 5
BC5
Byte Count bit 5 (MSB)
RW
0
Bit 4
BC4
Byte Count bit 4
RW
0
Bit 3
BC3
Byte Count bit 3
RW
1
Bit 2
BC2
Byte Count bit 2
RW
1
Bit 1
BC1
Byte Count bit 1
RW
1
Bit 0
BC0
Byte Count bit 0 (LSB)
RW
1
SMBus Table: WatchDog Timer Control Register
Byte
9
Name
Control Function
Type
0
1
Default
Bit 7
HWD_EN
Watchdog Hard Alarm
Enable
RW
Disable and Reload
Hartd Alarm Timer, Clear
WD Hard status bit.
Enable Timer
0
Bit 6
SWD_EN
Watchdog Soft Alarm Enable
RW
Disable
Enable
0
Bit 5
WD Hard Status
WD Hard Alarm Status
R
Normal
Alarm
X
Bit 4
WD Soft Status
WD Soft Alarm Status
R
Normal
Alarm
X
Bit 3
WDTCtrl
Watch Dog Alarm Time base
Control
RW
290ms Base
1160ms Base
0
Bit 2
HWD2
WD Hard Alarm Timer Bit 2
RW
1
Bit 1
HWD1
WD Hard Alarm Timer Bit 1
RW
1
Bit 0
HWD0
WD Hard Alarm Timer Bit 0
RW
1
SMBus Table: WD Timer Safe Frequency Control Register
Byte
10
Name
Control Function
Type
0
1
Default
Bit 7
SWD2
WD Soft Alarm Timer Bit 2
RW
1
Bit 6
SWD1
WD Soft Alarm Timer Bit 1
RW
1
Bit 5
SWD0
WD Soft Alarm Timer Bit 0
RW
1
Bit 4
WD SF4
RW
0
Bit 3
WD SF3
RW
0
Bit 2
WD SF2
RW
1
Bit 1
WD SF1
RW
1
Bit 0
WD SF0
RW
1
SMBus Table: CPU PLL Frequency Control Register
Byte
11
Name
Control Function
Type
0
1
Default
Bit 7
N Div2
N Divider Prog bit 2
RW
X
Bit 6
N Div1
N Divider Prog bit 1
RW
X
Bit 5
M Div5
RW
X
Bit 4
M Div4
RW
X
Bit 3
M Div3
RW
X
Bit 2
M Div2
RW
X
Bit 1
M Div1
RW
X
Bit 0
M Div0
RW
X
These bits represent the number of Watch Dog
Time Base Units that pass before the Watch
Alarm expires. Default is 7 X 290ms = 2s.
Watch Dog Safe Freq
Programming bits
The decimal representation of M and N Divider in
Byte 11 and 12 will configure the VCO frequency.
Default at power up = Byte 3 Rom table. VCO
Frequency = 14.318 x Ndiv(10:0)/Mdiv(5:0) .
M Divider Programming bits
These bits represent the number of Watch Dog
Time Base Units that pass before the Watch
Alarm expires. Default is 7 X 290ms = 2s.
Determines the number of bytes that are read
back from the device. Default is 0F hex.
These bits configure the safe frequency that the
device returns to if the Watchdog Timer expires.
The value show here corresponds to the power
up default of the device. See the various
Frequency Select Tables for the exact
frequencies.
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com