Electronic Components Datasheet Search
  English  ▼

X  

ICS9LPRS480 Datasheet(PDF) 15 Page - Integrated Device Technology

Part # ICS9LPRS480
Description  Programmable System Clock Chip for ATI RS780 - K8TM based Systems
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9LPRS480 Datasheet(HTML) 15 Page - Integrated Device Technology

Back Button ICS9LPRS480 Datasheet HTML 11Page - Integrated Device Technology ICS9LPRS480 Datasheet HTML 12Page - Integrated Device Technology ICS9LPRS480 Datasheet HTML 13Page - Integrated Device Technology ICS9LPRS480 Datasheet HTML 14Page - Integrated Device Technology ICS9LPRS480 Datasheet HTML 15Page - Integrated Device Technology ICS9LPRS480 Datasheet HTML 16Page - Integrated Device Technology ICS9LPRS480 Datasheet HTML 17Page - Integrated Device Technology ICS9LPRS480 Datasheet HTML 18Page - Integrated Device Technology ICS9LPRS480 Datasheet HTML 19Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
15
Integrated
Circuit
Systems, Inc.
ICS9LPRS480
1391D—02/02/09
Electrical Characteristics - REF-14.318MHz
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
NOTES
Long Accuracy
ppm
see Tperiod min-max values
-300
300
ppm
1,2
Clock period
Tperiod
14.318MHz output nominal
69.8270
69.8550
ns
2
Clock Low Time
Tlow
Measure from < 0.6V
30.9290
37.9130
ns
2
Clock High Time
Thigh
Measure from > 2.0V
30.9290
37.9130
ns
2
Output High Voltage
VOH
IOH = -1 mA
2.4
V
1
Output Low Voltage
VOL
IOL = 1 mA
0.4
V
1
Output High Current
IOH
VOH @MIN = 1.0 V,
VOH@MAX = 3.135 V
-29
-23
mA
1
Output Low Current
IOL
VOL @MIN = 1.95 V,
VOL @MAX = 0.4 V
29
27
mA
1
Rise Time
tr1
VOL = 0.4 V, VOH = 2.4 V
1
1.5
ns
1
Fall Time
tf1
VOH = 2.4 V, VOL = 0.4 V
1
1.5
ns
1
Skew
tsk1
VT = 1.5 V
250
ps
1
Duty Cycle
dt1
VT = 1.5 V
45
55
%
1
Jitter
tjcyc-cyc
VT = 1.5 V
300
ps
1
*TA = 0 - 70°C; Supply Voltage VDD = 3.3 V +/-5%, CL = 5 pF with Rs = 33Ω (unless otherwise specified)
1Guaranteed by design and characterization, not 100% tested in production.
2 All Long Term Accuracy and Clock Period specifications are guaranteed assuming that REFOUT is at 14.31818MHz
Electrical Characteristics - 27MHz
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
NOTES
-50
50
1,2
-15
15
1,2,3
Clock period
Tperiod
27.000MHz output nominal
37.0365
37.0376
ns
2
Output High Voltage(27SS, 27NSS)
VOH
IOH = -1 mA
2.1
V
1,10
Output Low Voltage
VOL
IOL = 1 mA
0.55
V
1
VOH = 1.0 V
-29
mA
1,10
VOH = 3.135 V
-23
mA
1,10
VOL = 1.95 V
29
mA
1,10
VOL = 0.4 V
27
mA
1,10
Edge Rate
tslewr/f
Rising/Falling edge rate
VT @ 20%-80%
12
4
V/ns
1
Duty Cycle
dt1
VT = 1.5 V
45
55
%
1
tltj
Long Term (10us)
300
ps
1
tjcyc-cyc
VT = 1.5 V
200
ps
1
1Guaranteed by design and characterization, not 100% tested in production.
2 Slew rate measured through Vswing centered around differential zero
3 Vxabs is defined as the voltage where CLK = CLK#
10 V
DD = 3.3V
Jitter
Output High Current
IOH
Output Low Current
IOL
Long Accuracy
ppm
see Tperiod min-max values
ppm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com