Electronic Components Datasheet Search
  English  ▼

X  

ICS9LPRS480 Datasheet(PDF) 8 Page - Integrated Device Technology

Part # ICS9LPRS480
Description  Programmable System Clock Chip for ATI RS780 - K8TM based Systems
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9LPRS480 Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button ICS9LPRS480 Datasheet HTML 4Page - Integrated Device Technology ICS9LPRS480 Datasheet HTML 5Page - Integrated Device Technology ICS9LPRS480 Datasheet HTML 6Page - Integrated Device Technology ICS9LPRS480 Datasheet HTML 7Page - Integrated Device Technology ICS9LPRS480 Datasheet HTML 8Page - Integrated Device Technology ICS9LPRS480 Datasheet HTML 9Page - Integrated Device Technology ICS9LPRS480 Datasheet HTML 10Page - Integrated Device Technology ICS9LPRS480 Datasheet HTML 11Page - Integrated Device Technology ICS9LPRS480 Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
8
Integrated
Circuit
Systems, Inc.
ICS9LPRS480
1391D—02/02/09
Table1: CPU/HTT, SRC and ATIG Frequency Selection Table
Byte 0
Bit0
Bit3
Bit2 Bit1 Bit0
SS_EN
CPU
FS3
CPU
FS2
CPU
FS1
CPU
FS0
SEL_HTT66 = 1 SEL_HTT66 = 0
0
0000173.63
57.88
86.81
86.81
-13%
0
0001177.17
59.06
88.58
88.58
-11%
0
0010180.78
60.26
90.39
90.39
-10%
0
0011184.47
61.49
92.24
92.24
-8%
0
0100188.24
62.75
94.12
94.12
-6%
0
0101192.08
64.03
96.04
96.04
-4%
0
0110196.00
65.33
98.00
98.00
-2%
0
0111200.00
66.67
100.00
100.00
0%
0
1000204.00
68.00
102.00
102.00
2%
0
1001208.08
69.36
104.04
104.04
4%
0
1010212.24
70.75
106.12
106.12
6%
0
1011216.49
72.16
108.24
108.24
8%
0
1100220.82
73.61
110.41
110.41
10%
0
1101225.23
75.08
112.62
112.62
13%
0
1110229.74
76.58
114.87
114.87
15%
0
1111234.33
78.11
117.17
117.17
17%
1
0000173.63
57.88
86.81
86.81
-13%
1
0001177.17
59.06
88.58
88.58
-11%
1
0010180.78
60.26
90.39
90.39
-10%
1
0011184.47
61.49
92.24
92.24
-8%
1
0100188.24
62.75
94.12
94.12
-6%
1
0101192.08
64.03
96.04
96.04
-4%
1
0110196.00
65.33
98.00
98.00
-2%
1
0111
200.00
66.67
100.00
100.00
0%
1
1000204.00
68.00
102.00
102.00
2%
1
1001208.08
69.36
104.04
104.04
4%
1
1010212.24
70.75
106.12
106.12
6%
1
1011216.49
72.16
108.24
108.24
8%
1
1100220.82
73.61
110.41
110.41
10%
1
1101225.23
75.08
112.62
112.62
13%
1
1110229.74
76.58
114.87
114.87
15%
1
1111234.33
78.11
117.17
117.17
17%
-0.5%
Spread
%
CPU
OverClock
%
Off
Byte 3
HTT
Single-ended
CPU
(MHz)
Differential
HTT
SRC/ATIG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com