Electronic Components Datasheet Search
  English  ▼

X  

ML-E Datasheet(PDF) 4 Page - Cree, Inc

Part # ML-E
Description  Cree® XLamp® ML-E LEDs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

ML-E Datasheet(HTML) 4 Page - Cree, Inc

  ML-E Datasheet HTML 1Page - Cree, Inc ML-E Datasheet HTML 2Page - Cree, Inc ML-E Datasheet HTML 3Page - Cree, Inc ML-E Datasheet HTML 4Page - Cree, Inc ML-E Datasheet HTML 5Page - Cree, Inc ML-E Datasheet HTML 6Page - Cree, Inc ML-E Datasheet HTML 7Page - Cree, Inc ML-E Datasheet HTML 8Page - Cree, Inc ML-E Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Copyright © 2010, 2011 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trade-
marks of Cree, Inc.
4
XLAMP ML-E LEDS
ELECTRICAL CHARACTERISTICS (T
J = 25°C)
RELATIVE FLUX VS. CURRENT (T
J = 25°C)
0
50
100
150
200
250
300
350
400
450
500
2.50
2.75
3.00
3.25
3.50
3.75
4.00
Forward Voltage (V)
0%
50%
100%
150%
200%
250%
300%
0
100
200
300
400
500
Forward Current (mA)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com