Electronic Components Datasheet Search
  English  ▼

X  

ML-E Datasheet(PDF) 6 Page - Cree, Inc

Part # ML-E
Description  Cree® XLamp® ML-E LEDs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

ML-E Datasheet(HTML) 6 Page - Cree, Inc

Back Button ML-E Datasheet HTML 2Page - Cree, Inc ML-E Datasheet HTML 3Page - Cree, Inc ML-E Datasheet HTML 4Page - Cree, Inc ML-E Datasheet HTML 5Page - Cree, Inc ML-E Datasheet HTML 6Page - Cree, Inc ML-E Datasheet HTML 7Page - Cree, Inc ML-E Datasheet HTML 8Page - Cree, Inc ML-E Datasheet HTML 9Page - Cree, Inc ML-E Datasheet HTML 10Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Copyright © 2010, 2011 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trade-
marks of Cree, Inc.
6
XLAMP ML-E LEDS
REFLOW SOLDERING CHARACTERISTICS
In testing, Cree has found XLamp ML-E LEDs to be compatible with JEDEC J-STD-020C, using the parameters listed
below. As a general guideline, Cree recommends that users follow the recommended soldering profile provided by the
manufacturer of solder paste used.
Note that this general guideline may not apply to all PCB designs and configurations of reflow soldering equipment.
Profile Feature
Lead-Based Solder
Lead-Free Solder
Average Ramp-Up Rate (Ts
max to Tp)
3°C/second max.
3°C/second max.
Preheat: Temperature Min (Ts
min)
100°C
150°C
Preheat: Temperature Max (Ts
max)
150°C
200°C
Preheat: Time (ts
min to tsmax)
60-120 seconds
60-180 seconds
Time Maintained Above: Temperature (T
L)
183°C
217°C
Time Maintained Above: Time (t
L)
60-150 seconds
60-150 seconds
Peak/Classification Temperature (Tp)
215°C
260°C
Time Within 5°C of Actual Peak Temperature (tp)
10-30 seconds
20-40 seconds
Ramp-Down Rate
6°C/second max.
6°C/second max
Time 25°C to Peak Temperature
6 minutes max.
8 minutes max.
Note: All temperatures refer to topside of the package, measured on the package body surface.
Note: While the high reflow temperatures (above) have been approved, Cree’s best practice guideline for reflow is to use
as low a temperature as possible during the reflow soldering process for these LEDs.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com