Electronic Components Datasheet Search
  English  ▼

X  

ML-E Datasheet(PDF) 1 Page - Cree, Inc

Part # ML-E
Description  Cree® XLamp® ML-E LEDs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

ML-E Datasheet(HTML) 1 Page - Cree, Inc

  ML-E Datasheet HTML 1Page - Cree, Inc ML-E Datasheet HTML 2Page - Cree, Inc ML-E Datasheet HTML 3Page - Cree, Inc ML-E Datasheet HTML 4Page - Cree, Inc ML-E Datasheet HTML 5Page - Cree, Inc ML-E Datasheet HTML 6Page - Cree, Inc ML-E Datasheet HTML 7Page - Cree, Inc ML-E Datasheet HTML 8Page - Cree, Inc ML-E Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
PRODUCT FAMILY DATA SHEET
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo
and XLamp are registered trademarks of Cree, Inc.
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Cree
® XLamp® ML-E LEDs
PRODUCT DESCRIPTION
The Cree XLamp ML-E LED brings
lighting-class reliability and per-
formance to 1/2-watt LEDs. The
XLamp ML-E expands Cree’s light-
ing-class leadership to linear and
distributed lighting applications.
With XLamp lighting-class reliabil-
ity, a wide viewing angle, uniform
light output, and industry-leading
chromaticity binning in a 3.5-mm
X 3.5-mm package, the XLamp
ML-E LED continues Cree’s history
of segment-focused product inno-
vation in LEDs for lighting applica-
tions.
The XLamp ML-E LED brings high
performance and a smooth look to
a wide range of lighting applica-
tions, including linear lighting, LED
light bulbs, fluorescent retrofits
and retail-display lighting.
FEATURES
• Available in white (2,600 K
to 8,300 K CCT)
• ANSI-compatible sub-bins
• Maximum drive current:
500 mA
• 120° viewing angle, uniform
chromaticity profile
• Electrically neutral thermal
path
• RoHS and REACH-compliant
• Unlimited floor life at
≤ 30°C/85% RH
TABLE OF CONTENTS
Flux Characteristics (T
J = 25°C) . . . . . . 2
Characteristics.......................... 2
Relative Spectral Power
Distribution..........................3
Relative Flux vs. Junction
Temperature (I
F = 150 mA). . . . . . . . 3
Electrical Characteristics
(T
J = 25°C). . . . . . . . . . . . . . . . . . . . . . . . . . 4
Relative Flux vs. Current
T
J = 25°C). . . . . . . . . . . . . . . . . . . . . . . . . . 4
Thermal Design.........................5
Typical Spatial Distribution............ 5
Reflow Soldering Characteristics...... 6
Notes.................................... 7
Mechanical Dimensions (T
A = 25°C).. 8
Tape and Reel........................... 9
Packaging..............................10


Similar Part No. - ML-E

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
ML-0688 MURATA-ML-0688 Datasheet
180Kb / 7P
This product specification is applied to fresnel lens
logo
SkyHigh Memory Limited
ML-1 SKYHIGHMEMORY-ML-1 Datasheet
539Kb / 2P
SkyHogh ONF1.0 SLC NAND FLASH MEMORY
logo
Premier Farnell Limited...
ML-1 DURATOOL-ML-1 Datasheet
219Kb / 1P
5-30X Macro Lens Inspection Magnifier
11/08/14 V1.0
ML-1 DURATOOL-ML-1 Datasheet
390Kb / 4P
Industrial Tweezers
11/04/12 V1.1
logo
SkyHigh Memory Limited
ML-1/MS-1 SKYHIGHMEMORY-ML-1/MS-1 Datasheet
539Kb / 2P
SkyHogh ONF1.0 SLC NAND FLASH MEMORY
More results

Similar Description - ML-E

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XQ-E CREE-XQ-E Datasheet
2Mb / 31P
Cree XLamp XQ-E LEDs
Rev 7A
XT-E CREE-XT-E Datasheet
2Mb / 45P
Cree XLamp XT-E LEDs
Rev 14C
XLAMP-XPG3 CREE-XLAMP-XPG3 Datasheet
2Mb / 49P
XLamp® XP-G3 LEDs
REV 11
XPCWHT-L1-0000-00A01 CREE-XPCWHT-L1-0000-00A01_V01 Datasheet
1Mb / 31P
XLamp® XP-C LEDs
2008-2021
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01_V01 Datasheet
2Mb / 44P
Cree® XLamp® XP-E LEDs
2008-2018
XMLAWT-00-0000-0000U2051 CREE-XMLAWT-00-0000-0000U2051 Datasheet
1Mb / 22P
Cree® XLamp® XM Family LEDs
2010-2016
logo
Cree LED
XB-D CREELED-XB-D Datasheet
2Mb / 42P
XLamp® XB-D LEDs
REV 15
XP-G3 CREELED-XP-G3 Datasheet
1Mb / 48P
XLamp® XP-G3 LEDs
REV 9
XQ-E CREELED-XQ-E Datasheet
2Mb / 56P
XLamp® XQ-E LEDs
REV 12C
MLEAWT-A1-0000-0005DT CREELED-MLEAWT-A1-0000-0005DT Datasheet
1Mb / 47P
XLamp® ML-E LEDs
2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com