Electronic Components Datasheet Search
  English  ▼

X  

ICS9147-22 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # ICS9147-22
Description  Pentium/ProTM System and Cyrix혲 Clock Chip
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9147-22 Datasheet(HTML) 3 Page - Integrated Device Technology

  ICS9147-22 Datasheet HTML 1Page - Integrated Device Technology ICS9147-22 Datasheet HTML 2Page - Integrated Device Technology ICS9147-22 Datasheet HTML 3Page - Integrated Device Technology ICS9147-22 Datasheet HTML 4Page - Integrated Device Technology ICS9147-22 Datasheet HTML 5Page - Integrated Device Technology ICS9147-22 Datasheet HTML 6Page - Integrated Device Technology ICS9147-22 Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
ICS9147-22
Functionality
VDD = 3.3V ±5% VDDL = 2.5V ±5% or 3.3V ±5%, TA = 0 to 70°
Crystal (X1, X2) = 14.31818 MHz
Power Management Functionality
FS2
FS1
FS0
CPUCLK, SDRAM
(MHz)
PCICLK
(MHz)
0
0
0
8.33
1/2 CPU
0
0
1
75
30
0
1
0
83.3
33.3
0
1
1
68.5
1/2 CPU
1
0
0
55
1/2 CPU
1
0
1
75
1/2 CPU
1
1
0
60
1/2 CPU
1
1
1
66.8
1/2 CPU
PD#
CPUCLK
Outputs
PCICLK(0:5)
Outputs
PCICLK_F,
REF,
24/48MHz
and SDRAM
Crystal
OSC
VCO
0
Stopped Low
Stopped Low
Stopped Low
Off
Off
1
Running
Running
Running
Running
Running



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com