Electronic Components Datasheet Search
  English  ▼

X  

ICS9147-22 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ICS9147-22
Description  Pentium/ProTM System and Cyrix혲 Clock Chip
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9147-22 Datasheet(HTML) 1 Page - Integrated Device Technology

  ICS9147-22 Datasheet HTML 1Page - Integrated Device Technology ICS9147-22 Datasheet HTML 2Page - Integrated Device Technology ICS9147-22 Datasheet HTML 3Page - Integrated Device Technology ICS9147-22 Datasheet HTML 4Page - Integrated Device Technology ICS9147-22 Datasheet HTML 5Page - Integrated Device Technology ICS9147-22 Datasheet HTML 6Page - Integrated Device Technology ICS9147-22 Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Integrated
Circuit
Systems, Inc.
General Description
Features
ICS9147-22
Block Diagram
Pentium/ProTM System and Cyrix™ Clock Chip
9147-22 Rev A 072597P
Pin Configuration
48-Pin SSOP
Pentium is a trademark on Intel Corporation.
•
Generates system clocks for CPU, IOAPIC, SDRAM,
PCI, plus 14.318 MHz (REF0:1), USB, Super I/O
•
Supports single or dual processor systems
•
Supports Intel 60, 66.8MHz, Cyrix 55, 75MHz plus 83.3
and 68MHz (Turbo of 66.6) speeds.
•
Synchronous clocks skew matched to 250ps window on
CPU, SDRAM and 500ps window on PCI clocks
•
CPU clocks to PCI clocks skew 1-4ns (CPU early)
•
Two fixed outputs, 48MHz and 24 MHz
•
Separate 2.5V and 3.3V supply pins
- 2.5V or 3.3V output: CPU, IOAPIC
- 3.3Voutputs: SDRAM, PCI, REF, 48/24 MHz
•
No power supply sequence requirements
•
48pin300milSSOP
The ICS9147-22 is a Clock Synthesizer chip for Pentium
and PentiumPro plus Cyrix CPU based Desktop/Notebook
systems that will provide all necessary clock timing.
Features include four CPU, seven PCI and eight SDRAM
clocks. Two reference outputs are available equal to the
crystal frequency, plus the IOAPIC output powered by
VDDL. Additionally, the device meets the Pentium power-
up stabilization, which requires that CPU and PCI clocks
be stable within 2ms after power-up.
High drive PCICLK and SDRAM outputs typically provide
greater than 1 V/ns slew rate into 30pF loads. CPUCLK
outputs typically provide better than 1V/ns slew rate into
20 pF loads while maintaining 50 ±5% duty cycle. The REF
clock outputs typically provide better than 0.5V/ns slew
rates.
The ICS9147-22 accepts a 14.318MHz reference crystal
or clock as its input and runs on a 3.3V supply.
Power Groups
VDD1 = REF (0:1), X1, X2
VDD2 = PCICLK_F, PCICLK (0:5)
VDD3 = SDRAM (0:7),
VDD4 = 48MHz, 24MHz
VDDL = IOAPIC, CPUCLK (0:3)
ICS reserves the right to make changes in the device data identified in this
publication without further notice. ICS advises its customers to obtain the latest
version of all device data to verify that any information being relied upon by the
customer is current and accurate.


Similar Part No. - ICS9147-22

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9147-22 ICST-ICS9147-22 Datasheet
253Kb / 7P
Pentium-ProTM System and Cyrix??Clock Chip
Rev A 072597
More results

Similar Description - ICS9147-22

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9148-02 ICST-ICS9148-02 Datasheet
691Kb / 16P
Pentium/ProTM System Clock Chip
Rev C 1/26/99
ICS9148-10 ICST-ICS9148-10 Datasheet
426Kb / 12P
Pentium/ProTM System Clock Chip
Rev D 9/27/99
ICS9148-12 ICST-ICS9148-12 Datasheet
743Kb / 18P
Pentium/ProTM System Clock Chip
Rev F 4/1/99
ICS9148-18 ICST-ICS9148-18 Datasheet
570Kb / 11P
Pentium/ProTM System Clock Chip
Rev B 07/08/98
ICS9148-20 ICST-ICS9148-20 Datasheet
389Kb / 11P
Pentium/ProTM System Clock Chip
Rev C 03/28/98
ICS9148-46 ICST-ICS9148-46 Datasheet
433Kb / 9P
Pentium/ProTM System Clock Chip
Rev E 4/20/99
ICS9148-47 ICST-ICS9148-47 Datasheet
244Kb / 9P
Pentium/ProTM System Clock Chip
Rev D 08/04/98
logo
Integrated Device Techn...
ICS9147-12 IDT-ICS9147-12 Datasheet
502Kb / 9P
Pentium/ProTM System and Cyrix혲 Clock Chip
logo
Renesas Technology Corp
ICS9148-10 RENESAS-ICS9148-10 Datasheet
355Kb / 12P
Pentium/ProTM System Clock Chip
9/27/99
ICS9148-18 RENESAS-ICS9148-18 Datasheet
674Kb / 13P
Pentium/ProTM System Clock Chip
2019
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com