Electronic Components Datasheet Search
  English  ▼

X  

ICS9147-22 Datasheet(PDF) 6 Page - Integrated Device Technology

Part # ICS9147-22
Description  Pentium/ProTM System and Cyrix혲 Clock Chip
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9147-22 Datasheet(HTML) 6 Page - Integrated Device Technology

  ICS9147-22 Datasheet HTML 1Page - Integrated Device Technology ICS9147-22 Datasheet HTML 2Page - Integrated Device Technology ICS9147-22 Datasheet HTML 3Page - Integrated Device Technology ICS9147-22 Datasheet HTML 4Page - Integrated Device Technology ICS9147-22 Datasheet HTML 5Page - Integrated Device Technology ICS9147-22 Datasheet HTML 6Page - Integrated Device Technology ICS9147-22 Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
ICS9147-22
Electrical Characteristics at 3.3V
VDD = 3.0 – 3.7V, TA = 0 –70° C unless otherwise stated
Note 1: Parameter is guaranteed by design and characterization. Not 100% tested in production.
Note 2: Includes VDDL = 2.5V
Note 3: VDD3 = 3.3V
AC Characteristics
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Rise Time
1
Tr1a
20pF load, 0.8 to 2.0V
CPU, 48MHz; VDD = 3.3V
-0.9
1.5
ns
Rise Time
1
Tr1b
20pF load, 0.8 to 2.0V
CPU; VDDL @ 2.5V
-1.5
2.0
ns
Fall Time
1,3
Tf1
20pF load, 2.0 to 0.8V CPU, 48MHz;
-
0.8
1.4
ns
Rise Time
1
Tr2
30pF load SDRAM 0.8 to 2.0V
-
1.0
1.6
ns
Fall Time
1
Tf2
30pF load SDRAM 2.0 to 0.8V
-
0.9
1.5
ns
Rise Time
1
Tr3
30pF load PCI 0.8 to 2.0V
-
1.2
2.0
ns
Fall Time
1
Tf3
30pF load PCI 2.0 to 0.8V
-
1.1
1.9
ns
Rise Time
1,3
Tr4
20pF load, 0.8 to 2.0V
24MHz, REF1 & IOAPIC
-
0.83
1.4
ns
Rise Time1
Tr4a
20pF load, 0.8 to 2.0V , IOAPIC with
VDDL = 2.5V
-2.2
2.6
ns
Fall Time
1,3
Tf4
20pF load, 2.0 to 0.8V
24MHz, REF1 & IOAPIC
-
0.81
1.3
ns
Rise Time1
Tr5
Load = 45pF 0.8 to 2.0V REF0
VDD = 3.3V
1.6
2.0
ns
Fall Time1
Tf5
Load = 45pF 2.0 to 0.8V, REF0
VDD = 3.3V
1.6
2.0
ns
Duty Cycle1
Dt
20pF load @ VOUT=1.4V
45
50
55
%
Jitter, Cycle to Cycle
1
Tjc-c
CPU, VDDL = 3.0 to 3.7V
200
300
ps
Jitter, One Sigma
1
Tj1s1
CPU; Load=20pF,
SDRAM Load = 30pF
-
50
150
ps
Jitter, Absolute1,
Tjab1
CPU; Load=20pF,
SDRAM Load = 30pF
-250
-
250
ps
Jitter, One Sigma
1
Tj1s1a
CPU; Load=20pF VDDL=2.5V
-
100
200
ps
Jitter, Absolute
1
Tjab1a
CPU; Load=20pF VDDL=2.5V
-500
-
500
ps
Jitter, One Sigma
1
Tj1s2
PCI; Load=30pF
-
80
150
ps
Jitter, Absolute
1
Tjab2
PCI; Load=30pF
-500
-
500
ps
Jitter, One Sigma
1
Tj1s3
REF1, 48/24MHz Load=20pF,
REF0 CL = 45pF
-
1
3
%
Jitter, Absolute
1
Tjab3
REF1, 48/24MHz Load=20pF,
REF0 CL = 45pF
-5
2
5
%
Input Frequency
1
Fi
12.0
14.318
16.0
MHz
Logic Input Capacitance1
CIN
Logic input pins
-
5
-
pF
Crystal Oscillator Capacitance
1
CINX
X1, X2 pins
-
18
-
pF
Power-on Time
1
ton
From VDD=1.6V to 1st crossing of
66.6 MHz VDD supply ramp < 40ms
-2.5
4.5
ms
Clock Skew
1
Tsk1
CPU to CPU; Load=20pF; @1.4V
(Same VDD)
-
150
250
ps
Clock Skew
1
Tsk2
SDRAM to SDRAM;
Load=30pF @ 1.4V
-
150
250
ps
Clock Skew
1
Tsk3
PCI to PCI; Load=30pF; @1.4V
-
300
500
ps
Clock Skew
1,2
Tsk4
CPU(20pF) to PCI (30pF); @1.4V
(CPU is early)
1
2.6
4
ns
Clock Skew
1
Tsk4
SDRAM (30pF @3.3V) to CPU
(20pF @2.5V) (2.5V CPU is late)
250
400
ps



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com