Electronic Components Datasheet Search
  English  ▼

X  

HMC495LP3 Datasheet(PDF) 11 Page - Hittite Microwave Corporation

Part # HMC495LP3
Description  SiGe WIDEBAND DIRECT MODULATOR RFIC, 250 - 3800 MHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC495LP3 Datasheet(HTML) 11 Page - Hittite Microwave Corporation

Back Button HMC495LP3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC495LP3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC495LP3 Datasheet HTML 6Page - Hittite Microwave Corporation HMC495LP3 Datasheet HTML 7Page - Hittite Microwave Corporation HMC495LP3 Datasheet HTML 8Page - Hittite Microwave Corporation HMC495LP3 Datasheet HTML 9Page - Hittite Microwave Corporation HMC495LP3 Datasheet HTML 10Page - Hittite Microwave Corporation HMC495LP3 Datasheet HTML 11Page - Hittite Microwave Corporation HMC495LP3 Datasheet HTML 12Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
10
10 - 20
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Item
Description
J1 - J8
PCB Mount SMA Connector
J9 - J12
DC Molex Connector
C1, C2, C7
100 pF Chip Capacitor, 0402 Pkg.
C3, C6, C8, C11
1000 pF Chip Capacitor, 0402 Pkg.
C4, C5, C9, C10
10 pF Chip Capacitor, 0402 Pkg.
C12 - C15
4.7 uF, Case A, Tantulum
R1, R2
68 Ohms, 0402 Pkg.
R3
62 Ohms, 0402 Pkg.
U1
HMC495LP3 / HMC495LP3E Modulator
PCB [2]
107309 Eval Board
[1] Reference this number when ordering complete evaulation PCB
[2] Circuit Board Material: Rogers 4350
Evaluation PCB
The circuit board used in the final application should
use RF circuit design techniques. Signal lines
should have 50 ohm impedance while the package
ground leads and exposed paddle should be con-
nected directly to the ground plane similar to that
shown. A sufficient number of via holes should be
used to connect the top and bottom ground planes.
The evaluation circuit board shown is available from
Hittite upon request.
List of Materials for Evaluation PCB 107413 [1]
SiGe WIDEBAND DIRECT
MODULATOR RFIC, 250 - 3800 MHz
v02.0705
HMC495LP3 / 495LP3E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com