Electronic Components Datasheet Search
  English  ▼

X  

HMC495LP3 Datasheet(PDF) 12 Page - Hittite Microwave Corporation

Part # HMC495LP3
Description  SiGe WIDEBAND DIRECT MODULATOR RFIC, 250 - 3800 MHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC495LP3 Datasheet(HTML) 12 Page - Hittite Microwave Corporation

Back Button HMC495LP3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC495LP3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC495LP3 Datasheet HTML 6Page - Hittite Microwave Corporation HMC495LP3 Datasheet HTML 7Page - Hittite Microwave Corporation HMC495LP3 Datasheet HTML 8Page - Hittite Microwave Corporation HMC495LP3 Datasheet HTML 9Page - Hittite Microwave Corporation HMC495LP3 Datasheet HTML 10Page - Hittite Microwave Corporation HMC495LP3 Datasheet HTML 11Page - Hittite Microwave Corporation HMC495LP3 Datasheet HTML 12Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
10
10 - 21
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Application & Evaluation PCB Schematic
Note:
Baseband input frequency range is dependent on value of C4, C5, C9 and C10. The value of 10 pF was chosen to give a typical
response of DC - 250 MHz. Input frequency range can be extended up to 1 GHz with possible degradation of LO leakage and
broadband noise floor response by decreasing the value of C4, C5, C9 & C10.
Characterization Set-up
SiGe WIDEBAND DIRECT
MODULATOR RFIC, 250 - 3800 MHz
v02.0705
HMC495LP3 / 495LP3E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com