Electronic Components Datasheet Search
  English  ▼

X  

HMC521 Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC521
Description  GaAs MMIC I/Q MIXER 8.5 - 13.5 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC521 Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC521 Datasheet HTML 1Page - Hittite Microwave Corporation HMC521 Datasheet HTML 2Page - Hittite Microwave Corporation HMC521 Datasheet HTML 3Page - Hittite Microwave Corporation HMC521 Datasheet HTML 4Page - Hittite Microwave Corporation HMC521 Datasheet HTML 5Page - Hittite Microwave Corporation HMC521 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
8
8 - 104
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Pin Number
Function
Description
Interface Schematic
1, 2, 6 - 8, 10,
13, 17 - 24
N/C
No connection required. These pins may be connected
to RF/DC ground without affecting performance.
3, 5, 12, 14, 16
GND
These pins and package bottom must
be connected to RF/DC ground.
4RF
This pin is AC coupled and matched to
50 Ohms from 8.5 to 13.5 GHz.
9IF1
This pin is DC coupled. For applications
not requiring operation to DC, this port should be
DC blocked externally using a series capacitor whose
value has been chosen to pass the necessary IF
frequency range. For operation to DC, this pin must not
source/sink more than 3mA of current or part non-func-
tion and possible part failure will result.
11
IF2
15
LO
This pin is AC coupled and matched to
50 Ohms from 8.5 to 13.5 GHz.
Pin Descriptions
HMC521LC4
v03.0709
GaAs MMIC I/Q MIXER
8.5 - 13.5 GHz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com