Electronic Components Datasheet Search
  English  ▼

X  

HMC521 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC521
Description  GaAs MMIC I/Q MIXER 8.5 - 13.5 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC521 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC521 Datasheet HTML 1Page - Hittite Microwave Corporation HMC521 Datasheet HTML 2Page - Hittite Microwave Corporation HMC521 Datasheet HTML 3Page - Hittite Microwave Corporation HMC521 Datasheet HTML 4Page - Hittite Microwave Corporation HMC521 Datasheet HTML 5Page - Hittite Microwave Corporation HMC521 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
8
8 - 100
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC521LC4
GaAs MMIC I/Q MIXER
8.5 - 13.5 GHz
v03.0709
General Description
Features
Typical Applications
The HMC521LC4 is a compact I/Q MMIC mixer in a
leadless “Pb free” RoHS compliant SMT package,
which can be used as either an Image Reject Mixer
or a Single Sideband Upconverter. The mixer utilizes
two standard Hittite double balanced mixer cells and
a 90 degree hybrid fabricated in a GaAs MESFET
process. A low frequency quadrature hybrid was used
to produce a 100 MHz USB IF output. This product is a
much smaller alternative to hybrid style Image Reject
Mixers and Single Sideband Upconverter assemblies.
The HMC521LC4 eliminates the need for wire
bonding allowing use of surface mount manufacturing
techniques.
Electrical Specifications, T
A = +25° C, IF= 100 MHz, LO = +15 dBm*
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
Frequency Range, RF/LO
8.5 - 13.5
10.5 - 11.7
GHz
Frequency Range, IF
DC - 3.5
DC - 3.5
GHz
Conversion Loss (As IRM)
8
10
7.5
9.5
dB
Image Rejection
20
30
30
38
dB
1 dB Compression (Input)
+14
+15
dBm
LO to RF Isolation
35
45
45
55
dB
LO to IF Isolation
18
22
20
24
dB
IP3 (Input)
+23
+24
dBm
Amplitude Balance
0.3
0.1
dB
Phase Balance
4
4
Deg
* Unless otherwise noted, all measurements performed as downconverter.
Functional Diagram
The HMC521LC4 is ideal for:
• Point-to-Point and Point-to-Multi-Point Radio
• Military Radar
Wide IF Bandwidth: DC - 3.5 GHz
Image Rejection: 38 dB
LO to RF Isolation: 50 dB
High Input IP3: +23 dBm
RoHS Compliant 4x4 mm SMT Package


Similar Part No. - HMC521

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC521 HITTITE-HMC521 Datasheet
310Kb / 6P
GaAs MMIC I/Q MIXER 8.5 - 13.5 GHz
logo
Micross Components
HMC521 MICROSS-HMC521 Datasheet
883Kb / 9P
Point-to-Point and Point-to-Multi-Point Radio
logo
Analog Devices
HMC521A-SX AD-HMC521A-SX Datasheet
660Kb / 25P
8.5 GHz to 13.5 GHz, GaAs, MMIC, I/Q Mixer
10/2019-Revision 0
HMC521ACHIPS AD-HMC521ACHIPS Datasheet
660Kb / 25P
8.5 GHz to 13.5 GHz, GaAs, MMIC, I/Q Mixer
10/2019-Revision 0
HMC521ALC4 AD-HMC521ALC4 Datasheet
449Kb / 24P
GaAs, MMIC, I/Q Mixer
7/2018-Revision 0
More results

Similar Description - HMC521

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC527LC4 HITTITE-HMC527LC4 Datasheet
280Kb / 6P
GaAs MMIC I/Q MIXER 8.5 - 13.5 GHz
HMC521 HITTITE-HMC521 Datasheet
310Kb / 6P
GaAs MMIC I/Q MIXER 8.5 - 13.5 GHz
HMC521LC4 HITTITE-HMC521LC4 Datasheet
289Kb / 6P
GaAs MMIC I/Q MIXER 8.5 - 13.5 GHz
HMC525 HITTITE-HMC525 Datasheet
315Kb / 6P
GaAs MMIC I/Q MIXER 4.0 - 8.5 GHz
HMC527 HITTITE-HMC527 Datasheet
297Kb / 6P
GaAs MMIC I/Q MIXER 8.5 - 13.5 GHz
HMC-C042 HITTITE-HMC-C042 Datasheet
285Kb / 6P
GaAs MMIC I/Q MIXER MODULE 8.5 - 13.5 GHz
HMC525LC4 HITTITE-HMC525LC4_09 Datasheet
212Kb / 6P
GaAs MMIC I/Q MIXER 4 - 8.5 GHz
HMC527 HITTITE-HMC527_09 Datasheet
228Kb / 6P
GaAs MMIC I/Q MIXER 8.5 - 13.5 GHz
HMC527LC4 HITTITE-HMC527LC4_09 Datasheet
206Kb / 6P
GaAs MMIC I/Q MIXER 8.5 - 13.5 GHz
logo
Analog Devices
HMC521ACHIPS AD-HMC521ACHIPS Datasheet
660Kb / 25P
8.5 GHz to 13.5 GHz, GaAs, MMIC, I/Q Mixer
10/2019-Revision 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com