Electronic Components Datasheet Search
  English  ▼

X  

HMC521 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC521
Description  GaAs MMIC I/Q MIXER 8.5 - 13.5 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC521 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC521 Datasheet HTML 1Page - Hittite Microwave Corporation HMC521 Datasheet HTML 2Page - Hittite Microwave Corporation HMC521 Datasheet HTML 3Page - Hittite Microwave Corporation HMC521 Datasheet HTML 4Page - Hittite Microwave Corporation HMC521 Datasheet HTML 5Page - Hittite Microwave Corporation HMC521 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
8
8 - 102
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Isolations
IF Bandwidth*
Upconverter Performance Conversion
Gain vs. LO Drive
Amplitude Balance vs. LO Drive
Phase Balance vs. LO Drive
Quadrature Channel Data Taken Without IF Hybrid
Upconverter Performance Sideband
Rejection vs. LO Drive
* Conversion gain data taken with external IF hybrid
-60
-50
-40
-30
-20
-10
8
9
10
11
12
13
14
RF FREQUENCY (GHz)
LO/RF
RF/IF1
LO/IF1
RF/IF2
LO/IF2
-20
-15
-10
-5
0
0.5
1
1.5
2
2.5
3
3.5
RETURN LOSS
CONVERSION GAIN
IF FREQUENCY (GHz)
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
8
9
10
11
12
13
14
LO = +13 dBm
LO = +15 dBm
LO = +17 dBm
LO = +19 dBm
RF FREQUENCY (GHz)
-10
-5
0
5
10
8
9
10
11
12
13
14
LO = +13 dBm
LO = +15 dBm
LO = +17 dBm
LO = +19 dBm
RF FREQUENCY (GHz)
-20
-15
-10
-5
0
8
9
10
11
12
13
14
LO = +13 dBm
LO = +17 dBm
LO = +15 dBm
LO = +19 dBm
RF FREQUENCY (GHz)
-50
-40
-30
-20
-10
0
8
9
10
11
12
13
14
LO = +13 dBm
LO = +15 dBm
LO = +17 dBm
LO = +19 dBm
RF FREQUENCY (GHz)
HMC521LC4
v03.0709
GaAs MMIC I/Q MIXER
8.5 - 13.5 GHz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com