Electronic Components Datasheet Search
  English  ▼

X  

BCT05CV Datasheet(PDF) 1 Page - BeRex Corporation

Part # BCT05CV
Description  5-4000 MHz Wideband Drive Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BCT05CV Datasheet(HTML) 1 Page - BeRex Corporation

  BCT05CV Datasheet HTML 1Page - BeRex Corporation BCT05CV Datasheet HTML 2Page - BeRex Corporation BCT05CV Datasheet HTML 3Page - BeRex Corporation BCT05CV Datasheet HTML 4Page - BeRex Corporation BCT05CV Datasheet HTML 5Page - BeRex Corporation BCT05CV Datasheet HTML 6Page - BeRex Corporation BCT05CV Datasheet HTML 7Page - BeRex Corporation BCT05CV Datasheet HTML 8Page - BeRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
BeRex
BCT05CV
http: //www.berex.com
5-4000 MHz Wideband Drive Amplifier
Device Features
• 43.5 dBm Output IP3 at 9dBm/tone
• 22 dB Gain at 900MHz
• 24 dBm P1dB at 2450 MHz
• Highly Reliable InGaP/GaAs HBT Technology
• Application: commercial wireless system
Target Device Performance (Ta = 25°C)
Symbols
Parameters Test Conditions
Min
Typ
Max
Unit
Gain
900MHz
1900MHz
2450MHz
20.7
16.6
14.3
21.7
17.6
15.3
22.7
18.6
16.3
dB
S11
900MHz
1900MHz
2450MHz
-18.6
-15.3
-17.2
dB
S22
900MHz
1900MHz
2450MHz
-15.1
-39.7
-15.3
dB
OIP3
900MHz
1900MHz
2450MHz
41.6
41.3
39.7
43.6
42.3
40.7
dBm
P1dB
900MHz
1900MHz
2450MHz
23.0
22.8
23.2
24.0
23.8
24.2
dBm
IS-95 CH Power
@-45dBc ACPR
900MHz
1900MHz
2450MHz
16.0
16.0
16.5
dBm
NF
900MHz
1900MHz
2450MHz
4.4
4.2
4.3
dB
Ic
Vc = 5.0V
77
87
97
mA
Vc
5.0
V
Rth
Thermal Resistance
50
°C/W
Test conditions unless otherwise noted.
1.
Device performance is measured on BeRex evaluation board at 25C, 50 ohm system
2.
OIP3 is measured on an eval-board with two tones separated by 1 MHz.
Absolute Maximum Ratings
Parameter
Rating
Operating Case temperature
-40 to +85
°C
Storage Temperature
-55 to +155
°C
Supply Voltage
6.5V
Max. Device Current
180mA
Input RF Power
23dBm
Operation of this device above any of these parameters may result in permanent damage.


Similar Part No. - BCT05CV

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BCT013 BEREX-BCT013 Datasheet
811Kb / 13P
1500-4000 MHz Medium Power Amplifier
More results

Similar Description - BCT05CV

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BT05AG BEREX-BT05AG Datasheet
669Kb / 13P
5-4000 MHz Wideband Drive Amplifier
BT05CV BEREX-BT05CV Datasheet
603Kb / 13P
5-4000 MHz Wideband Drive Amplifier
BT05AG BEREX-BT05AG_1 Datasheet
1Mb / 14P
5-4000 MHz Wideband Drive Amplifier
BT05CV BEREX-BT05CV_1 Datasheet
1Mb / 14P
5-4000 MHz Wideband Drive Amplifier
BT05VG BEREX-BT05VG_1 Datasheet
1Mb / 14P
1500-4000 MHz Wideband Drive Amplifier
BT05AG BEREX-BT05AG_16 Datasheet
1Mb / 14P
5-4000 MHz Wideband Drive Amplifier
BT05CV BEREX-BT05CV_16 Datasheet
1Mb / 14P
5-4000 MHz Wideband Drive Amplifier
BT05AG BEREX-BT05AG_18 Datasheet
1Mb / 14P
5-4000 MHz Wideband Drive Amplifier
BT05CV BEREX-BT05CV_18 Datasheet
1Mb / 14P
5-4000 MHz Wideband Drive Amplifier
BT05VG BEREX-BT05VG_18 Datasheet
1Mb / 14P
1500-4000 MHz Wideband Drive Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com