Electronic Components Datasheet Search
  English  ▼

X  

BCT05CV Datasheet(PDF) 3 Page - BeRex Corporation

Part # BCT05CV
Description  5-4000 MHz Wideband Drive Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BCT05CV Datasheet(HTML) 3 Page - BeRex Corporation

  BCT05CV Datasheet HTML 1Page - BeRex Corporation BCT05CV Datasheet HTML 2Page - BeRex Corporation BCT05CV Datasheet HTML 3Page - BeRex Corporation BCT05CV Datasheet HTML 4Page - BeRex Corporation BCT05CV Datasheet HTML 5Page - BeRex Corporation BCT05CV Datasheet HTML 6Page - BeRex Corporation BCT05CV Datasheet HTML 7Page - BeRex Corporation BCT05CV Datasheet HTML 8Page - BeRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
BeRex
BCT05CV
http: //www.berex.com
I-V characteristics
Generic PF083 Evaluation Board
(31mil thick FR4)
S-Parameter
(5V/87mA)
Freq
S11
S11
S12
S12
S21
S21
S22
S22
[MHz]
[Mag]
[Ang]
[Mag]
[Ang]
[Mag]
[Ang]
[Mag]
[Ang]
100
0.465
-48.427
0.010
85.919
3.827
-99.799
0.929
-153.159
500
0.645
-128.468
0.034
7.967
9.952
141.528
0.602
144.177
1000
0.690
-171.254
0.045
-48.963
8.810
48.139
0.315
148.430
1500
0.748
159.059
0.051
-102.372
6.588
-24.785
0.376
144.485
2000
0.778
141.185
0.053
-144.526
4.794
-81.488
0.455
138.017
2500
0.748
138.006
0.055
172.951
3.889
-135.293
0.418
142.841
3000
0.841
142.443
0.059
130.929
3.046
176.260
0.541
154.681
3500
0.934
139.011
0.056
84.638
2.464
127.419
0.638
149.921
4000
0.899
132.888
0.067
40.623
2.301
75.436
0.591
143.868
* Note : S-parameter includes 1 mil thick and 16-mil long Au wire
Application Circuit: 900 MHz
Schematic Diagram
BOM
Tolerance
C1
100pF
± 5%
C2
6.8pF
±5%
C3
100pF
± 5%
C4
100pF
± 5%
C5
1000pF
± 10%
C6
10uF
±10%
L1
2nH
±5%
L2
12nH
± 5%



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com