Electronic Components Datasheet Search
  English  ▼

X  

BCT05CV Datasheet(PDF) 5 Page - BeRex Corporation

Part # BCT05CV
Description  5-4000 MHz Wideband Drive Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BCT05CV Datasheet(HTML) 5 Page - BeRex Corporation

  BCT05CV Datasheet HTML 1Page - BeRex Corporation BCT05CV Datasheet HTML 2Page - BeRex Corporation BCT05CV Datasheet HTML 3Page - BeRex Corporation BCT05CV Datasheet HTML 4Page - BeRex Corporation BCT05CV Datasheet HTML 5Page - BeRex Corporation BCT05CV Datasheet HTML 6Page - BeRex Corporation BCT05CV Datasheet HTML 7Page - BeRex Corporation BCT05CV Datasheet HTML 8Page - BeRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
BeRex
BCT05CV
http: //www.berex.com
Application Circuit: 1900 MHz
Schematic Diagram
BOM
Tolerance
C1
100pF
± 5%
C2
2pF
±5%
C3
1.2pF
±5%
C4
100pF
± 5%
C5
100pF
± 5%
C6
1000pF
± 10%
C7
10uF
±10%
L1
1.8nH
±5%
L2
6.8nH
± 5%
Typical Performance



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com