Electronic Components Datasheet Search
  English  ▼

X  

HMC600LP4 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC600LP4
Description  75 dB LOGARITHMIC DETECTOR / CONTROLLER 50 - 4000 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC600LP4 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC600LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC600LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC600LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC600LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC600LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC600LP4 Datasheet HTML 6Page - Hittite Microwave Corporation HMC600LP4 Datasheet HTML 7Page - Hittite Microwave Corporation HMC600LP4 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
12
12 - 5
LOGOUT Intercept vs. Frequency,
Vcc = +3.3V
LOGOUT Intercept vs. Bias Voltage
TA = +25C
LOGOUT Slope vs. Frequency,
Vcc = 3.3V
LOGOUT Slope vs. Supply Voltage,
TA = +25C
HMC600LP4 / 600LP4E
v02.0909
75 dB LOGARITHMIC
DETECTOR / CONTROLLER 50 - 4000 MHz
18
19
20
21
22
23
24
25
2.5
3
3.5
4
4.5
5
5.5
50 MHz
900 MHz
1900 MHz
3500 MHz
4000 MHz
Vcc (V)
-100
-90
-80
-70
-60
-50
2.5
3
3.5
4
4.5
5
5.5
50 MHz
900 MHz
1900 MHz
3500 MHz
4000 MHz
Vcc (V)
-100
-90
-80
-70
-60
-50
0
1000
2000
3000
4000
+25 C
+85 C
-40 C
FREQUENCY (MHz)
18
19
20
21
22
23
24
25
0
1000
2000
3000
4000
+25 C
+85 C
-40 C
FREQUENCY (MHz)
LOGOUT Error vs. Input Power,
Normalized[2], Fin = 1900 MHz
Input Return Loss
-35
-30
-25
-20
-15
-10
-5
0
01
23
45
+25 C
+85 C
-40 C
FREQUENCY (GHz)
-2
-1
0
1
2
-70
-55
-40
-25
-10
5
+85 C
-40 C
INPUT POWER (dBm)
[1] Unless otherwise noted: Vcc1, Vcc2 = +3.3V, TA = +25C
[2] This data is relative to the room temperature performance of the HMC600LP4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com