Electronic Components Datasheet Search
  English  ▼

X  

HMC600LP4 Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC600LP4
Description  75 dB LOGARITHMIC DETECTOR / CONTROLLER 50 - 4000 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC600LP4 Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC600LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC600LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC600LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC600LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC600LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC600LP4 Datasheet HTML 6Page - Hittite Microwave Corporation HMC600LP4 Datasheet HTML 7Page - Hittite Microwave Corporation HMC600LP4 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
12
12 - 6
Absolute Maximum Ratings
Vcc1, Vcc2
0V to +5.5V
PWD
0V to +5.5V
VSET Input Voltage
0V to +5.5V
LOGOUT Output Current
3 mA
RF Input Power
+12 dBm
Junction Temperature
125 °C
Continuous Pdiss (T = 85°C)
(Derate 7.95 mW/°C above 85°C)
0.32 Watts
Thermal Resistance (R
th)
(junction to lead)
126 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
ESD Sensitivity (HBM)
Class 1C
Outline Drawing
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
NOTES:
1. LEADFRAME MATERIAL: COPPER ALLOY
2. DIMENSIONS ARE IN INCHES [MILLIMETERS].
3. LEAD SPACING TOLERANCE IS NON-CUMULATIVE
4. PAD BURR LENGTH SHALL BE 0.15mm MAXIMUM.
PAD BURR HEIGHT SHALL BE 0.05mm MAXIMUM.
5. PACKAGE WARP SHALL NOT EXCEED 0.05mm.
6. ALL GROUND LEADS AND GROUND PADDLE MUST
BE SOLDERED TO PCB RF GROUND.
7. REFER TO HITTITE APPLICATION NOTE FOR SUGGESTED
PCB LAND PATTERN.
HMC600LP4 / 600LP4E
v02.0909
75 dB LOGARITHMIC
DETECTOR / CONTROLLER 50 - 4000 MHz
LOGOUT Voltage vs. Input Power
and Frequency, TA = +25C
0.5
1
1.5
2
-75
-65
-55
-45
-35
-25
-15
-5
5
50 MHz
900 MHz
1900 MHz
3500 MHz
4000 MHz
INPUT POWER (dBm)
Unless otherwise noted: Vcc1, Vcc2 = +3.3V, TA = +25C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com