Electronic Components Datasheet Search
  English  ▼

X  

HMC600LP4 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC600LP4
Description  75 dB LOGARITHMIC DETECTOR / CONTROLLER 50 - 4000 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC600LP4 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC600LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC600LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC600LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC600LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC600LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC600LP4 Datasheet HTML 6Page - Hittite Microwave Corporation HMC600LP4 Datasheet HTML 7Page - Hittite Microwave Corporation HMC600LP4 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
12
12 - 2
HMC600LP4 / 600LP4E
General Description
Features
Functional Diagram
The HMC600LP4(E) Logarithmic Detector/Controller
converts RF signals at its input, to a proportional DC
voltage at its output. The HMC600LP4(E) employs
a successive compression topology which delivers
extremely high dynamic range and conversion accuracy
over a wide input frequency range. As the input power
is increased, successive amplifiers move into saturation
one by one creating an accurate approximation of the
logarithm function. The output of a series of square law
detectors is summed, converted into voltage domain
and buffered to drive the LOGOUT output. For detection
mode, the LOGOUT pin is shorted to the VSET input,
and will provide a nominal logarithmic slope of 19mV/dB
and an intercept of -95 dBm. The HMC600LP4(E) can
also be used in the controller mode where an external
voltage is applied to the VSET pin, to create an AGC or
APC feedback loop.
Wide Dynamic Range: up to 75 dB
Flexible Supply Voltage: +2.7V to +5.5V
Power-Down Mode
Excellent Stability over Temperature
Compact 4x4mm Leadless SMT Package
Typical Applications
The HMC600LP4 / HMC600LP4E is ideal for IF and
RF applications in:
• Cellular/PCS/3G
• WiMAX, WiBro & Fixed Wireless
• Power Monitoring & Control Circuitry
• Receiver Signal Strength Indication (RSSI)
• Automatic Gain & Power Control
Electrical Specifications, TA = +25C, PWD = 0V, Vcc1, Vcc2 = +3.3V [1]
Parameter
Typ.
Typ.
Typ.
Typ.
Typ.
Typ.
Typ.
Typ.
Units
Input Frequency
50
100
500
900
1900
2500
3500
4000
MHz
±3 dB Dynamic Range
74
74
74
74
70
66
51
48
dB
±3 dB Dynamic Range Center
-30
-30
-30
-30.5
-31.0
-31.0
-27
-23.5
dBm
±1 dB Dynamic Range
64
64
64
65
62
59
44
41
dB
Output Slope
19.6
19.5
19.4
19.2
19.1
19.5
21.0
22.3
mV/dB
Output Intercept
-96
-96
-96
-96
-95
-93
-79
-72
dBm
Temperature Sensitivity @ -10 dBm Input [2]
-2.7
-2.8
-3.6
-4.8
-6.9
-7.4
-8.3
-12.9
mdB/°C
[1] Detector mode measurements; LOGOUT (Pin 17) is shorted to VSET (Pin 16).
[2] Measured from TA = -40C to TA = +85C
Parameter
Conditions
Min.
Typ.
Max.
Units
RF Input (INP)
Return Loss
F = 50 - 4000 MHz, Zo = 50Ω, See plot
10
dB
LOGOUT Interface
Open Loop Impedance
16
kΩ
Current Drive (Source)
0.4
mA
75 dB LOGARITHMIC
DETECTOR / CONTROLLER 50 - 4000 MHz
v02.0909


Similar Part No. - HMC600LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC600LP4 HITTITE-HMC600LP4 Datasheet
549Kb / 10P
75 dB LOGARITHMIC DETECTOR / CONTROLLER 50 - 4000 MHz
logo
Analog Devices
HMC600LP4 AD-HMC600LP4 Datasheet
503Kb / 8P
LOGARITHMIC DETECTOR / CONTROLLER
logo
Hittite Microwave Corpo...
HMC600LP4E HITTITE-HMC600LP4E Datasheet
549Kb / 10P
75 dB LOGARITHMIC DETECTOR / CONTROLLER 50 - 4000 MHz
logo
Analog Devices
HMC600LP4E AD-HMC600LP4E Datasheet
503Kb / 8P
LOGARITHMIC DETECTOR / CONTROLLER
More results

Similar Description - HMC600LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC600LP4 HITTITE-HMC600LP4 Datasheet
549Kb / 10P
75 dB LOGARITHMIC DETECTOR / CONTROLLER 50 - 4000 MHz
HMC611LP4 HITTITE-HMC611LP4 Datasheet
666Kb / 10P
60 dB, LOGARITHMIC DETECTOR / CONTROLLER, 1 - 10000 MHz
HMC611 HITTITE-HMC611 Datasheet
515Kb / 10P
60 dB, LOGARITHMIC DETECTOR / CONTROLLER, 1 - 10000 MHz
HMC713LP3E HITTITE-HMC713LP3E Datasheet
566Kb / 12P
54 dB, LOGARITHMIC DETECTOR / CONTROLLER, 50 - 8000 MHz
HMC713LP3 HITTITE-HMC713LP3_09 Datasheet
566Kb / 12P
54 dB, LOGARITHMIC DETECTOR / CONTROLLER, 50 - 8000 MHz
HMC713MS8 HITTITE-HMC713MS8_09 Datasheet
541Kb / 10P
54 dB, LOGARITHMIC DETECTOR / CONTROLLER, 100 - 2700 MHz
HMC601LP4 HITTITE-HMC601LP4 Datasheet
335Kb / 8P
75 dB, FAST SETTLING, LOGARITHMIC DETECTOR / CONTROLLER 10 - 4000 MHz
HMC612LP4 HITTITE-HMC612LP4 Datasheet
484Kb / 10P
75 dB LOGARITHMIC DETECTOR / CONTROLLER, 50 Hz - 3000 MHz
HMC713LP3E HITTITE-HMC713LP3E_10 Datasheet
956Kb / 12P
54 dB, LOGARITHMIC DETECTOR / CONTROLLER, 50 - 8000 MHz
HMC713MS8 HITTITE-HMC713MS8_10 Datasheet
838Kb / 10P
54 dB, LOGARITHMIC DETECTOR / CONTROLLER, 100 - 2700 MHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com