Electronic Components Datasheet Search
  English  ▼

X  

HMC665LP4 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC665LP4
Description  GaAs MMIC MIXER w/ INTEGRATED IF & LO AMPLIFIER, 0.7 - 1.2 GHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC665LP4 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC665LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC665LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC665LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC665LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC665LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC665LP4 Datasheet HTML 6Page - Hittite Microwave Corporation HMC665LP4 Datasheet HTML 7Page - Hittite Microwave Corporation HMC665LP4 Datasheet HTML 8Page - Hittite Microwave Corporation HMC665LP4 Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
10
10 - 4
Input IP2 vs. LO Drive, IF = 450 MHz
Input IP3 vs. LO Drive, IF = 450 MHz
30
40
50
60
70
80
90
650
800
950
1100
1250
LO = -3 dBm
LO = 0 dBm
LO = 3 dBm
LO = 6 dBm
RF FREQUENCY (MHz)
-15
-10
-5
0
5
10
15
20
650
800
950
1100
1250
-3 dBm
0 dBm
+3 dBm
+6 dBm
RF FREQUENCY (MHz)
HMC665LP4 / 665LP4E
v00.0508
GaAs MMIC MIXER w/ INTEGRATED
IF & LO AMPLIFIER, 0.7 - 1.2 GHz
IF Bandwidth
Return Loss
-35
-30
-25
-20
-15
-10
-5
0
5
10
200
300
400
500
600
Conversion Gain
Return Loss
IF FREQUENCY (MHz)
-30
-25
-20
-15
-10
-5
0
0
0.5
1
1.5
2
2.5
3
RF
LO
FREQUENCY (MHz)
Harmonics of LO
MxN Spurious @ IF Port
nLO spur at rF Port
LO Freq. (GHz)
1
2
3
4
0.5
31
32
32
39
0.6
28
23
32
47
0.7
30
21
30
44
0.8
37
21
32
47
0.9
38
23
37
53
1.0
35
24
40
43
1.2
34
27
33
55
1.4
35
32
33
58
1.6
36
38
46
62.6
LO = 0 dBm
Values in dBc below input LO level measured at rF port.
nLO
mrF
0
1
2
3
4
0
xx
3
21
29
58
1
7
0
33
52
59
2
66
56
50
65
84
3
91
84
73
77
91
4
91
91
91
91
91
All values in dBc below iF power level (1rF - 1LO)
Typical Supply Current
VddiF + VccLO
iddiF + iccLO
+4.5
130 mA
+5.0
150 mA
+5.5
165 mA
Absolute Maximum Ratings
rF / Mix iF input (VddiF = +5V)
+22 dBm
LO input (VccLO = +5V)
+10 dBm
iFiN
+15 dBm
VccLO
+7 Vdc
VddiF
+8 Vdc
Junction Temperature
150 °C
Continuous Pdiss (T = 85°C)
(derate 14.9 mW/°C above 85°C)
0.97 W
Thermal resistance (junction to ground paddle)
67.2 °C/W
storage Temperature
-65 to +150°C
Operating Temperature
-40 to +85°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com