Electronic Components Datasheet Search
  English  ▼

X  

HMC665LP4 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC665LP4
Description  GaAs MMIC MIXER w/ INTEGRATED IF & LO AMPLIFIER, 0.7 - 1.2 GHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC665LP4 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC665LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC665LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC665LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC665LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC665LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC665LP4 Datasheet HTML 6Page - Hittite Microwave Corporation HMC665LP4 Datasheet HTML 7Page - Hittite Microwave Corporation HMC665LP4 Datasheet HTML 8Page - Hittite Microwave Corporation HMC665LP4 Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
10
10 - 1
HMC665LP4 / 665LP4E
GaAs MMIC MIXER w/ INTEGRATED
IF & LO AMPLIFIER, 0.7 - 1.2 GHz
v00.0508
General Description
Features
Functional Diagram
The HMC665LP4e is a highly integrated converter iC
that operates from 0.7 to 1.2 GHz for both up-conversion
and downconversion applications. The HMC665LP4e
incorporates a high dynamic range, passive double-
balanced mixer core with integrated LO and iF
amplifiers, making it ideal for compact transceiver
applications in GsM, WCDMA, TD-sCDMA, WiBro
and WiMAx. This versatile converter rFiC operates
with a low LO input power level of only -3 dBm,
provides up to 10 dB conversion gain, and exhibits
+23 dBm input iP3 in downconversion mode. This rFiC
provides up to 11 dB conversion gain in upconverter
mode. specific evaluation boards are available for
both upconverter and downconverter modes.
High input iP3: +23 dBm
Low input LO Drive: -3 to +6 dBm
High LO to rF isolation: 36 dB
High Conversion Gain: 10 dB
ideal for Upconversion or Downconversion
24 Lead 4x4mm sMT Package: 16mm2
Electrical Specifications, T
A = +25° C, LO = 0 dBm, VccLO= VddIF = +5V
Typical Applications
The HMC665LP4 / HMC665LP4e is ideal for:
• Cellular/3G & WiMAx/LTe/4G infrastructure
• Base stations & repeaters
• Broadband & Fixed Wireless
• Access Points
• Test & Measurement equipment
Parameter
Min.
Typ.
Max.
Units
Frequency range, rF, LO
0.7 - 1.2
GHz
Frequency range, iF
250 - 450
MHz
Conversion Gain
7
10
dB
Noise Figure (ssB)
10
dB
LO to rF isolation
32
36
dB
LO to iF isolation
1
dB
iP3 (input)
23
dBm
1 dB Compression (input)
10
dBm
LO Drive input Level (Typical)
-3 to +6
dBm
supply Current (iddiF + iccLO)
150
200
mA
*Unless otherwise noted, all measurements performed as a downconverter and configured as shown in the downconverter mode application
circuit, IF=250 MHz


Similar Part No. - HMC665LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC660LC4B HITTITE-HMC660LC4B Datasheet
1Mb / 22P
0.02 - 4.5 GHz WIDEBAND, 3 GS/s TRACK-AND-HOLD AMPLIFIER
HMC660LC4B HITTITE-HMC660LC4B Datasheet
768Kb / 22P
0.02 - 4.5 GHz WIDEBAND, 3 GS/s TRACK-AND-HOLD AMPLIFIER
HMC660LC4B HITTITE-HMC660LC4B_09 Datasheet
768Kb / 22P
0.02 - 4.5 GHz WIDEBAND, 3 GS/s TRACK-AND-HOLD AMPLIFIER
HMC661LC4B HITTITE-HMC661LC4B Datasheet
1Mb / 14P
ULTRA-WIDEBAND 4 GS/s TRACK-AND-HOLD AMPLIFIER
logo
Analog Devices
HMC661LC4B AD-HMC661LC4B Datasheet
875Kb / 14P
ULTRA-WIDEBAND 4 GS/s TRACK-AND-HOLD AMPLIFIER DC - 18 GHz
v03.0615
More results

Similar Description - HMC665LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC422MS8 HITTITE-HMC422MS8 Datasheet
212Kb / 6P
GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 1.2 - 2.5 GHz
HMC423MS8 HITTITE-HMC423MS8 Datasheet
216Kb / 6P
GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 2.0 - 2.8 GHz
HMC551LP4 HITTITE-HMC551LP4 Datasheet
303Kb / 8P
GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 0.8 - 1.2 GHz
HMC353MS8 HITTITE-HMC353MS8 Datasheet
242Kb / 8P
GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 0.8 - 1.2 GHz
HMC615LP4 HITTITE-HMC615LP4 Datasheet
230Kb / 8P
GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 2.3 - 4.0 GHz
HMC353MS8 HITTITE-HMC353MS8_01 Datasheet
248Kb / 8P
GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 0.8 - 1.2 GHz
HMC422MS8 HITTITE-HMC422MS8_10 Datasheet
187Kb / 6P
GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 1.2 - 2.6 GHz
HMC551LP4 HITTITE-HMC551LP4_11 Datasheet
665Kb / 8P
GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 0.8 - 1.2 GHz
HMC552LP4 HITTITE-HMC552LP4_11 Datasheet
505Kb / 8P
GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 1.6 - 3.0 GHz
HMC622LP4 HITTITE-HMC622LP4 Datasheet
327Kb / 10P
GaAs MMIC MIXER w/ INTEGRATED IF & LO AMPLIFIER, 1.8 - 3.9 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com