Electronic Components Datasheet Search
  English  ▼

X  

HMC665LP4 Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC665LP4
Description  GaAs MMIC MIXER w/ INTEGRATED IF & LO AMPLIFIER, 0.7 - 1.2 GHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC665LP4 Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC665LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC665LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC665LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC665LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC665LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC665LP4 Datasheet HTML 6Page - Hittite Microwave Corporation HMC665LP4 Datasheet HTML 7Page - Hittite Microwave Corporation HMC665LP4 Datasheet HTML 8Page - Hittite Microwave Corporation HMC665LP4 Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
10
10 - 5
eLeCTrOsTATiC seNsiTiVe DeViCe
OBserVe HANDLiNG PreCAUTiONs
Outline Drawing
NOTes:
1. LeADFrAMe MATeriAL: COPPer ALLOY
2. DiMeNsiONs Are iN iNCHes [MiLLiMeTers]
3. LeAD sPACiNG TOLerANCe is NON-CUMULATiVe.
4. PAD BUrr LeNGTH sHALL Be 0.15mm MAxiMUM.
PAD BUrr HeiGHT sHALL Be 0.05mm MAxiMUM.
5. PACKAGe WArP sHALL NOT exCeeD 0.05mm.
6. ALL GrOUND LeADs AND GrOUND PADDLe MUsT Be
sOLDereD TO PCB rF GrOUND.
7. reFer TO HiTTiTe APPLiCATiON NOTe FOr sUGGesTeD
LAND PATTerN.
HMC665LP4 / 665LP4E
v00.0508
GaAs MMIC MIXER w/ INTEGRATED
IF & LO AMPLIFIER, 0.7 - 1.2 GHz
Typical Performance Cascade Analysis HMC665LP4E Downconverter Mode
(RF Input = 700 to 1200 MHz, IF Output = 250 to 450 MHz, LO = Low Side or High Side)
Component Level
Cumulative MCM Performance
Description
Gain
(dB)
NF
(dB)
OiP3
(dBm)
OP1dB
(dBm)
+5V
Current (mA)
Gain
(dB)
NF
(dB)
OiP3
(dBm)
iiP3
(dBm)
OP1dB
(dBm)
iP1dB
(dBm)
Mixer w/ LO Amplifier
-8.0
8.5
15.0
7.0
57.0
-8.0
8.5
15.0
23.0
7.0
16.0
iF Amplifier
18.0
1.0
37.5
21.0
93.0
10.0
9.4
31.7
21.7
19.5
10.5
HMC665LP4e
Cumulative MCM Performance
150.0
10.0
9.4
31.7
21.7
19.5
10.5
* rF image rejection filter is not included in the released eval boards.
Typical Performance Cascade Analysis HMC665LP4E Upconverter Mode
(RF Output = 700 to 1200 MHz, IF Input = 250 to 450 MHz, LO = Low Side or High Side)
Component Level
Cumulative MCM Performance
Description
Gain
(dB)
NF
(dB)
OiP3
(dBm)
OP1dB
(dBm)
+5V
Current (mA)
Gain
(dB)
NF
(dB)
OiP3
(dBm)
iiP3
(dBm)
OP1dB
(dBm)
iP1dB
(dBm)
iF Amplifier
18.0
1.0
38
21.0
93.0
18.0
1.0
38
20
21.0
4.0
Mixer w/ LO Amplifier
-7.5
8.5
21
7.0
57.0
10.0
1.3
20.5
10
7.0
-3.0
HMC665LP4e
Cumulative MCM Performance
150.0
10.0
1.3
20.5
10
7.0
-3.0
* iF image rejection filter is not included in the released eval boards.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com