Electronic Components Datasheet Search
  English  ▼

X  

FRSM Datasheet(PDF) 5 Page - Vishay Siliconix

Part # FRSM
Description  Z-1 Foil Ultra High Precision Wrap-around Chip Resistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

FRSM Datasheet(HTML) 5 Page - Vishay Siliconix

  FRSM Datasheet HTML 1Page - Vishay Siliconix FRSM Datasheet HTML 2Page - Vishay Siliconix FRSM Datasheet HTML 3Page - Vishay Siliconix FRSM Datasheet HTML 4Page - Vishay Siliconix FRSM Datasheet HTML 5Page - Vishay Siliconix FRSM Datasheet HTML 6Page - Vishay Siliconix FRSM Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
FRSM Series of Precision Chip Resistors
Vishay Foil Resistors
Document Number: 63209
For any questions, contact: foil@vishaypg.com
www.vishayfoilresistors.com
Revision: 7-Apr-11
5
TEST DESCRIPTION
By using a electrolytic 500 pF capacitor charged up to 4500 V,
pulses were performed on 10 units of 1206, 10K
Ω of three different
Surface Mount Chip Resistors technologies, with an initial voltage
spike of 2500 V (Figure 7). The unit was allowed time to cool down,
after which the resistance measurement was taken and displayed in
ppm deviation from the initial reading. Readings were then taken in
500 V increments up to 4500 V.
TEST RESULTS
FIGURE 7 - ESD TEST DESCRIPTION
2500 V to 4500 V
Rx
500 pF
DMM
1 M
Ω
TABLE 6 - ESD TEST RESULTS
VOLTS
∆R (%)
THICK FILM
THIN FILM
FOIL
2500
-2.7
97
<0.005
3000
-4.2
366
<0.005
3500
-6.2
>5000
<0.005
4000
-7.4
>5000
<0.005
4500
-8.6
OPEN
<0.005
FIGURE 8 - LOAD LIFE TEST FOR
2000 HRS @ +70°C
AT RATED POWER
-100
-80
-60
-40
-20
0
20
40
60
80
100
0
250
500
750 1000 1250 1500 1750 2000 2250
Time (hrs)
0805-1K
0805-8K
1206-1K
1206-25K
2512-75K
2512-125K
POWER COEFFICIENT OF RESISTANCE
(PCR)
In precision resistors with low TCR, the self heating (Joule effect)
causes the resistor not to perform strictly to its TCR specifications.
This inaccuracy will result in an error at the end in the resistance
value under applied power. Vishay Foil Resistors introduced a new
concept of Power Coefficient of Resistance (PCR) along with a new
Z-Foil technology which leads to reduction of the sensitivity of
precision resistor to ambient temperature variations and changes of
applied power.
Figure 9 represents PCR behavior of three different resistor
technologies under applied power.
FIGURE 9 - BEHAVIOR OF THREE
DIFFERENT RESISTOR
TECHNOLOGIES UNDER
APPLIED POWER (POWER
COEFFICIENT TEST)
Applied power, (W)
0.1
0.2
0.3
0.4
0.5
+ 100 ppm
0 ppm
- 100 ppm
Thick Film
Surface
Mount Chip
Thin Film
Surface
Mount Chip
Z-Foil
Surface
Mount Chip
Note: Size 1206, value: 1K
FIGURE 10 - CURRENT PATH IN A
RESISTIVE ALLOY
Noise generation is minimal when current
flow is through multiple paths as exists in
Bulk Metal® Foil resistive alloy.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com