Electronic Components Datasheet Search
  English  ▼

X  

FRSM Datasheet(PDF) 3 Page - Vishay Siliconix

Part # FRSM
Description  Z-1 Foil Ultra High Precision Wrap-around Chip Resistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

FRSM Datasheet(HTML) 3 Page - Vishay Siliconix

  FRSM Datasheet HTML 1Page - Vishay Siliconix FRSM Datasheet HTML 2Page - Vishay Siliconix FRSM Datasheet HTML 3Page - Vishay Siliconix FRSM Datasheet HTML 4Page - Vishay Siliconix FRSM Datasheet HTML 5Page - Vishay Siliconix FRSM Datasheet HTML 6Page - Vishay Siliconix FRSM Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
FIGURE 3 - TYPICAL RESISTANCE/
TEMPERATURE CURVE(2)
ΔR
R
(ppm)
+250
+200
+150
+100
+50
0
-50
-100
-150
-200
-250
+250
+200
+150
+100
+50
0
-50
-100
-150
-200
-250
-55
0.05 ppm/ºC
- 0.1 ppm/ºC
- 0.16 ppm/ºC
0.2 ppm/ºC
0.14 ppm/ºC
0.1 ppm/ºC
-25
0
+25
+65
+75
+100 +125
TABLE 3 - SPECIFICATIONS(1)
CHIP
SIZE
RATED
POWER
(mW)
at + 70 °C
MAX.
WORKING
VOLTAGE
(
≤ PR
×
)
RESISTANCE
RANGE
(
Ω)
MAXIMUM
WEIGHT
(mg)
0402(3)
50
5 V
100 to 500
2
0603
100
22 V
100 to 4K*
4
0805
200
40 V
5 to 8K
6
1206
300
87 V
5 to 25K
11
1506
300
95 V
5 to 30K
12
2010
500
187 V
5 to 70K
27
2512
750
220 V
5 to 125K
40
FRSM Series of Precision Chip Resistors
Vishay Foil Resistors
Document Number: 63209
For any questions, contact: foil@vishaypg.com
www.vishayfoilresistors.com
Revision: 7-Apr-11
3
* For 0603 values between 4K and 5K, please contact us
TABLE 2 - DIMENSIONS
in Inches (Millimeters)
Top View
D
T
W
L
CHIP
SIZE
L
± 0.005 (0.13)
W
± 0.005 (0.13)
THICKNESS
MAXIMUM
D
± 0.005 (0.13)
0603
0.063 (1.60)
0.032 (0.81)
0.025 (0.64)
0.011 (0.28)
0805
0.080 (2.03)
0.050 (1.27)
0.025 (0.64)
0.015 (0.38)
1206
0.126 (3.20)
0.062 (1.57)
0.025 (0.64)
0.020 (0.51)
1506
0.150 (3.81)
0.062 (1.57)
0.025 (0.64)
0.020 (0.51)
2010
0.198 (5.03)
0.097 (2.46)
0.025 (0.64)
0.025 (0.64)
2512
0.249 (6.32)
0.127 (3.23)
0.025 (0.64)
0.032 (0.81)
Notes
(1) For tighter performances and non-standard values up to 150K, please contact VPG application engineering using the e-mail addresses in the
footer below.
(2) The TCR values for < 100
Ω are influenced by the termination composition and result in deviation from this curve.
TABLE 4 - PERFORMANCES
TEST OR CONDITIONS
ΔR LIMITS OF
PRECISION THIN FILM
TYPICAL
ΔR LIMITS OF FRSM
SERIES
MAXIMUM
ΔR LIMITS OF FRSM
SERIES(3)
Thermal Shock, 100 x (- 65 °C to + 150 °C)
(see Figure 6)
± 0.1 %
± 0.005% (50 ppm)
± 0.01% (100 ppm)
Low Temperature Operation, - 65 °C, 45 min at Pnom
± 0.1 %
± 0.0025% (25 ppm)
± 0.005% (50 ppm)
Short Time Overload, 6.25 x Rated Power, 5 s
± 0.1 %
± 0.005% (50 ppm)
± 0.01% (100 ppm)
High Temperature Exposure, + 150 °C, 100 h
± 0.1 %
± 0.0025% (25 ppm)
± 0.005% (50 ppm)
Resistance to Soldering Heat, +245°C for 5 sec,+235°C
for 30 sec
± 0.1 %
± 0.005 % (50 ppm)
± 0.01% (100 ppm)
Moisture Resistance
± 0.1 %
± 0.003% (30 ppm)
± 0.01% (100 ppm)
Load Life Stability + 70 °C for 2000 h at Rated Power
(see Figure 8)
± 0.1 %
0.0025% (25 ppm)
± 0.005% (50ppm)
Load Life Stability + 70 °C for 10,000 h at Rated Power
± 0.5 %
0.005% (50 ppm)
± 0.015% (150ppm)
Note
(3) As shown + 0.01
Ω to allow for measurement errors at low values.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com