Electronic Components Datasheet Search
  English  ▼

X  

FRSM Datasheet(PDF) 1 Page - Vishay Siliconix

Part # FRSM
Description  Z-1 Foil Ultra High Precision Wrap-around Chip Resistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

FRSM Datasheet(HTML) 1 Page - Vishay Siliconix

  FRSM Datasheet HTML 1Page - Vishay Siliconix FRSM Datasheet HTML 2Page - Vishay Siliconix FRSM Datasheet HTML 3Page - Vishay Siliconix FRSM Datasheet HTML 4Page - Vishay Siliconix FRSM Datasheet HTML 5Page - Vishay Siliconix FRSM Datasheet HTML 6Page - Vishay Siliconix FRSM Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Top View
Z-1 Foil Ultra High Precision Wrap-around Chip Resistor for
Improved Load Life Stability of 0.0025% (25 ppm) with TCR of
± 0.05 ppm/°C and withstands ESD of 25 KV min
FRSM Series of Precision Chip Resistors
Vishay Foil Resistors
Document Number: 63209
For any questions, contact: foil@vishaypg.com
www.vishayfoilresistors.com
Revision: 7-Apr-11
1
INTRODUCTION
The FRSM is based on the new generation Z1- technology of
the Bulk Metal® Precision Foil resistor elements by Vishay
Precision Group (VPG), which makes these resistors
virtually insensitive to destabilizing factors. Their element,
based on the new Z-1 Foil is a solid alloy that displays the
desirable bulk properties of its parent material; thus, it is
inherently stable (remarkably improved load life stability of
25 ppm), noise-free and withstands ESD to 25KV or more.
The alloy is matched to the substrate and forms a single
entity with balanced temperature characteristics for an
unusually low and predictable TCR over a wide range from
-55 C° to more than 175C°. Resistance patterns are
photo-etched to permit trimming of resistance values to very
tight tolerances.
Our application engineering department is available to
advise and make recommendations. For non-standard
technical requirements and special applications, please
contact us using the e-mail address in the footer below.
FIGURE 1 - POWER DERATING CURVE
100
75
50
25
0
- 75
- 50
- 25
0
+ 25
+ 50
+ 75 + 100 + 125 + 150 + 175
Ambient Temperature (°C)
+ 70 °C
- 55 °C
Lead (Pb)-free terminals
Tin/lead alloy terminals
FEATURES
• Temperature coefficient of resistance (TCR):
0.05 ppm/°C typical (0 °C to + 60 °C)
0.2 ppm/°C typical (- 55 °C to + 125 °C, + 25 °C ref.)
• Resistance tolerance: to ± 0.01 %
• Power coefficient “ΔR due to self heating”:
5 ppm at rated power
• Power rating: to 750 mW at + 70 °C
• Load life stability:
± 0.0025 % at 70 °C, 2000 h at rated power.
± 0.005 % at 70 °C, 10,000 h at rated power.
• Resistance Range: 5 Ω to 125 kΩ (for higher and lower
values, please contact us)
• Vishay Foil resistors are not restricted to standard values;
we can supply specific “as required” values at no extra cost
or delivery (e.g. 1K2345 vs. 1K)
• Thermal stabilization time < 1 s (nominal value achieved
within 10 ppm of steady state value)
• Electrostatic discharge (ESD) at least to 25kV
• Short time overload: 0.005 %
• Rise time: 1 ns effectively no ringing
• Current noise: 0.010 µVRMS/V of applied voltage
(< - 40 dB)
• Voltage coefficient: 0.1 ppm/V
• Non inductive: 0.08 µH
• Non hot spot design
• Terminal finishes available: lead (Pb)-free, tin/lead alloy(1)
• Matched sets are available on request
• Prototype quantities available in just 5 working days
or sooner. For more information, please contact
foil@vishaypg.com
• For higher temperature application up to +240 °C and for
better performances, please contact us
TABLE 1 - TOLERANCE AND TCR VS.
RESISTANCE VALUE (1)
(- 55 °C to + 125 °C, + 25 °C Ref.)
RESISTANCE
VALUE
(
Ω)
TOLERANCE
(%)
TYPICAL TCR AND
MAX. SPREAD
(ppm/°C)
250 to 125K
± 0.01
± 0.2 ± 1.8
100 to < 250
± 0.02
± 0.2 ± 1.8
50 to < 100
± 0.05
± 0.2 ± 2.8
25 to < 50
± 0.1
± 0.2 ± 3.8
10 to < 25
± 0.25
± 0.2 ± 3.8
5 to < 10
± 0.5
± 0.2 ± 7.8
(1) Pb containing terminations are not RoHS compliant, exemptions may apply.


Similar Part No. - FRSM

ManufacturerPart #DatasheetDescription
logo
Coherent Corp
FRSM-638-001-10-10-00-A COHERENT-FRSM-638-001-10-10-00-A Datasheet
94Kb / 3P
SM FIBER PIGTAILED RED LASER
FRSM-638-030-10-10-00-A COHERENT-FRSM-638-030-10-10-00-A Datasheet
394Kb / 3P
SM FIBER PIGTAILED RED LASER
FRSM-638-050-10-10-00-A COHERENT-FRSM-638-050-10-10-00-A Datasheet
301Kb / 3P
SM FIBER PIGTAILED RED LASER
FRSM-660-010-10-10-00-A COHERENT-FRSM-660-010-10-10-00-A Datasheet
312Kb / 3P
SM FIBER PIGTAILED RED LASER
FRSM-660-020-10-10-00-A COHERENT-FRSM-660-020-10-10-00-A Datasheet
312Kb / 3P
SM FIBER PIGTAILED RED LASER
More results

Similar Description - FRSM

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMNZ VISHAY-SMNZ Datasheet
180Kb / 5P
Ultra High Precision Z-Foil Surface Mount 4 Resistor Network
22-May-07
SMR1DZ VISHAY-SMR1DZ Datasheet
139Kb / 5P
Ultra High Precision Z-Foil Molded Surface Mount Resistor
30-Jul-07
E102Z VISHAY-E102Z Datasheet
95Kb / 3P
Ultra High Precision Bulk Metal® Z-Foil Extended Value Range Resistor
28-Feb-08
VSMP0603 VISHAY-VSMP0603 Datasheet
384Kb / 5P
Ultra High Precision Foil Wraparound Surface Mount Chip Resistor
26-Mar-10
Y402412K7560T9R VISHAY-Y402412K7560T9R Datasheet
1Mb / 7P
Z-1 Foil Ultra High Precision Wrap-around Chip Resistor
7-Apr-11
VSMP VISHAY-VSMP_10 Datasheet
393Kb / 4P
Ultra High Precision Foil Wraparound Surface Mount Chip Resistor
25-Mar-10
Y40625K00000Q0R VISHAY-Y40625K00000Q0R Datasheet
1Mb / 7P
Ultra High Precision Foil Wraparound Surface Mount Chip Resistor
20-Mar-12
Y162612K7560T9R VISHAY-Y162612K7560T9R Datasheet
156Kb / 4P
Ultra High Precision Foil Wraparound Surface Mount Chip Resistor
24-Mar-09
logo
Riedon Powertron
UHPC0805 RIEDON-UHPC0805 Datasheet
221Kb / 2P
Foil Precision Chip Resistor
logo
C&B ELECTRONICS (SHENZH...
PZFR RESI-PZFR Datasheet
1Mb / 3P
Precision Foil Chip Resistor
2023/03/02
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com