Electronic Components Datasheet Search
  English  ▼

X  

TPS40400 Datasheet(PDF) 64 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40400
Description  3.0-V TO 20-V PMBus SYNCHRONOUS BUCK CONTROLLER
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS40400 Datasheet(HTML) 64 Page - Texas Instruments

Back Button TPS40400 Datasheet HTML 60Page - Texas Instruments TPS40400 Datasheet HTML 61Page - Texas Instruments TPS40400 Datasheet HTML 62Page - Texas Instruments TPS40400 Datasheet HTML 63Page - Texas Instruments TPS40400 Datasheet HTML 64Page - Texas Instruments TPS40400 Datasheet HTML 65Page - Texas Instruments TPS40400 Datasheet HTML 66Page - Texas Instruments TPS40400 Datasheet HTML 67Page - Texas Instruments TPS40400 Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 72 page
background image
TPS40400
SLUS930B
– APRIL 2011 – REVISED OCTOBER 2011
www.ti.com
Design Example 2 List of Materials
Table 9 lists of materials for Design Example 2.
Table 9. Design Example 2 List of Materials
REFERENCE
QTY
VALUE
DESCRIPTION
SIZE
PART NUMBER
MFR
DESIGNATOR
C1, C2, C9, C17
4
0.1
µF
Ceramic, X7R, 25 V, 20%
0603
Standard
Standard
C3, C4
2
22
µF
Ceramic, X7R, 25 V, 10%
1210
Standard
Standard
C5
1
330
µF
Aluminum, 25 V, 20%
10x12mm
EEVFC1E331P
Panasonic
C6
1
2700 pF
Ceramic, X7R, 10 V, 20%
0603
Standard
Standard
C7
1
470 pF
Ceramic, X7R, 10 V, 20%
0603
Standard
Standard
C8
1
2700 pF
Ceramic, X7R, 10 V, 20%
0603
Standard
Standard
C11
1
680
µF
Tantalum, 6.3 V, 20%
7343 (D)
TPSE6870060045
Standard
C13, C14
2
47
µF
Ceramic, X7R, 6.3 V, 20%
1210
GRM32ER60J476M
Standard
C15, C18
2
1
µF
Ceramic, X7R, 16 V, 20%
0603
Standard
Standard
C16
1
1000 pF
Ceramic, X7R, 25 V, 20%
0603
Standard
Standard
L1
1
6.8
µH
Inductor, 6.8
µH, 12 mΩ
PF0553.682NL
Pulse
Q1
1
CSD16325Q5
Transistor, N-channel FET, 25 V, 100 A, 10
Ω
QFN 5x6
CSD16325Q5
TI
Q2
1
CSD16325Q5
Transistor, N-channel, 25 V, 100 A, 10
Ω
QFN 5x6
CSD16325Q5
TI
R3
1
10
Ω
Resistor, 1/16W, 5%
0603
Standard
Standard
R4
1
39.2 k
Ω
Resistor, 1/16W, 1%
0603
Standard
Standard
R5
1
64.9 k
Ω
Resistor, 1/16W, 1%
0603
Standard
Standard
R6
1
10.7 k
Ω
Resistor, 1/16W, 1%
0603
Standard
Standard
R7, R18
2
49.9
Ω
Resistor, 1/16W, 1%
0603
Standard
Standard
R8
1
1.62 k
Ω
Resistor, 1/16W, 1%
0603
Standard
Standard
R10
1
10 k
Ω
Resistor, 1/16W, 1%
0603
Standard
Standard
R12
1
2.7
Ω
Resistor, 1/16W, 5%
0603
Standard
Standard
R14
1
0.0
Ω
Resistor, 1/16W, 1%
0603
Standard
Standard
R16
1
5.71 k
Ω
Resistor, 1/16W, 1%
0603
Standard
Standard
R17
1
1.33 k
Ω
Resistor, 1/16W, 1%
0603
Standard
Standard
U1
1
TPS40400
3.0V-20V PMBus synchronous buck controller
24-pin QFN
TPS40400RHL
Texas Instruments
64
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s) :TPS40400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com