Electronic Components Datasheet Search
  English  ▼

X  

TPS40400 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40400
Description  3.0-V TO 20-V PMBus SYNCHRONOUS BUCK CONTROLLER
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS40400 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TPS40400 Datasheet HTML 13Page - Texas Instruments TPS40400 Datasheet HTML 14Page - Texas Instruments TPS40400 Datasheet HTML 15Page - Texas Instruments TPS40400 Datasheet HTML 16Page - Texas Instruments TPS40400 Datasheet HTML 17Page - Texas Instruments TPS40400 Datasheet HTML 18Page - Texas Instruments TPS40400 Datasheet HTML 19Page - Texas Instruments TPS40400 Datasheet HTML 20Page - Texas Instruments TPS40400 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 72 page
background image
(
)
LIN
BP6
VDD
GATE
I
I
I
I
=
-
+
(
)
f
GATE
SW
gHIGH
gLOW
I
Q
Q
=
´
+
exp onent
Value
Mantissa
2
=
´
TPS40400
www.ti.com
SLUS930B
– APRIL 2011 – REVISED OCTOBER 2011
Current limits must also be observed. Shorting the BP3 pin to GND damages the BP3 regulator. The BP3
regulator input comes from the BP6 regulator output. The current limit circuit on the BP6 regulator is 100 mA so
the total current drawn from both regulators must be less than that. This total current includes the TPS40400
operating current IVDD plus the gate drive current required to drive the power FETs. The total available current
from two regulators is found in Equation 3 and Equation 4:
(3)
where
•
ILIN is the total current that can be drawn from BP3 and BP6 in aggregate
•
IBP6 is the current limit of the BP6 regulator – 100 mA minimum
•
IVDD is the quiescent current of the TPS40400 – 15 mA maximum
•
IGATE is the gate drive current required by the power FETs
•
fSW is the switching frequency
•
QgHIGH is the total gate charge required by the high-side FET
•
QgLOW is the total gate charge required by the low-side FET
(4)
PMBus address. The PMBus specification requires that each device connected to the PMBus have a unique
address on the bus. The TPS40400 has 64 possible addresses (0 through 63 in decimal) that can be assigned
by connecting resistors from the ADDR0 and ADDR1 pins to SGND. The address is set in the form of two octal
(0-7) digits, one digit for each pin. ADDR1 is the high-order digit and ADDR0 is the low-order digit.
The E96 series resistors suggested for each digit value are shown in Table 1.
Table 1. E96 Series Resistors
DIGIT
RESISTANCE (k
Ω)
0
10
1
15.4
2
23.7
3
36.5
4
54.9
5
84.5
6
130
7
200
The TPS40400 also detects values that are out of range on the ADDR0 and ADDR1 pins. If either pin is detected
as having an out of range resistance connected to it, the TPS40400 continues to respond to PMBus commands,
but at address 127, which is outside of the possible programmed addresses. It is possible but not recommended
to use the device in this condition, especially if other TPS40400 devices are present on the bus or if another
device could possibly occupy the 127 address.
PMBus connections. The TPS40400 supports both the 100 kHz and 400 kHz bus speeds. Connection for the
PMBus interface should follow the High Power DC specifications given in section 3.1.3 in the SMBus
specification V2.0 for the 400-kHz bus speed or the Low Power DC specifications in section 3.1.2. The complete
SMBus specification is available from the SMBus web site, smbus.org.
PMBus Functionality and Additional Setup
Data format.There are three data formats supported in PMBus form commands that require representation of a
literal number as their argument (commands that set thresholds, voltages or report such). A compatible device
needs to only support one of these formats. The TPS40400 supports the Linear data format only for these
commands. In this format, the data argument consists of two parts, a mantissa and an exponent. The number
represented by this argument can be expressed as shown in Equation 5.
(5)
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s) :TPS40400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com