Electronic Components Datasheet Search
  English  ▼

X  

818022322 Datasheet(PDF) 11 Page - Magnetrol International, Inc.

Part # 818022322
Description  RF Point Level Switches
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

818022322 Datasheet(HTML) 11 Page - Magnetrol International, Inc.

Back Button 818022322 Datasheet HTML 7Page - Magnetrol International, Inc. 818022322 Datasheet HTML 8Page - Magnetrol International, Inc. 818022322 Datasheet HTML 9Page - Magnetrol International, Inc. 818022322 Datasheet HTML 10Page - Magnetrol International, Inc. 818022322 Datasheet HTML 11Page - Magnetrol International, Inc. 818022322 Datasheet HTML 12Page - Magnetrol International, Inc. 818022322 Datasheet HTML 13Page - Magnetrol International, Inc. 818022322 Datasheet HTML 14Page - Magnetrol International, Inc. 818022322 Datasheet HTML 15Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
50-605 Kotron RF Point Model 80/81 Level Switches
8
Caution: Check probe terminal connection carefully to be certain
lug will not short to packing gland or interfere with assem-
bly of amplifier housing to probe.
19. Proceed to Section 2.7, Wiring.
2.6
Electrostatic Discharge (ESD)
Handling Procedure
Magnetrol’s electronic instruments are manufactured to
the highest quality standards. These instruments utilize
electronic components which may be damaged by static
electricity present in most work environments. The
following steps are recommended to reduce the risk of
component failure due to electrostatic discharge:
1. Ship and store circuit boards in anti-static bags. If an
anti-static bag is not available, wrap board in aluminum
foil. Do not place boards on foam packing materials.
2. Use a grounding wrist strap when installing and
removing circuit boards. A grounded workstation is
also recommended.
3. Handle printed circuit boards only by the edges. Do not
touch components or connector pins.
4. Ensure that all electrical connections are completely made
and none are partial or floating. Ground all equipment to
a good, earth ground.
2.7
Wiring
2.7.1 Integral Mount Models
Light gauge (16 AWG or 18 AWG) stranded wire should
be used for connection of power and control circuits.
2.7.1.1 Relay Wiring
See Section 2.7.3, Relay Wiring Chart on page 10 for
different relay wiring options.
2.7.1.2 Power Wiring
1. Make sure power source is turned off.
2. Pull power supply wires through conduit connection.
3. Connect AC power to AC(+), AC(–) and GND terminals.
Connect DC power to DC(+) and GND terminals. Refer
to Section 3.4, Terminal Connections on page 21.
4. Dress the wires together neatly and securely with cable ties.
Be certain that adequate clearance exists for replacement of
housing cover.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com