Electronic Components Datasheet Search
  English  ▼

X  

818022322 Datasheet(PDF) 19 Page - Magnetrol International, Inc.

Part # 818022322
Description  RF Point Level Switches
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

818022322 Datasheet(HTML) 19 Page - Magnetrol International, Inc.

Back Button 818022322 Datasheet HTML 15Page - Magnetrol International, Inc. 818022322 Datasheet HTML 16Page - Magnetrol International, Inc. 818022322 Datasheet HTML 17Page - Magnetrol International, Inc. 818022322 Datasheet HTML 18Page - Magnetrol International, Inc. 818022322 Datasheet HTML 19Page - Magnetrol International, Inc. 818022322 Datasheet HTML 20Page - Magnetrol International, Inc. 818022322 Datasheet HTML 21Page - Magnetrol International, Inc. 818022322 Datasheet HTML 22Page - Magnetrol International, Inc. 818022322 Datasheet HTML 23Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
50-605 Kotron RF Point Model 80/81 Level Switches
16
Caution: This procedure changes any previous calibration of the
amplifier. If the unit checks out as operational, it will have
to be recalibrated before being used in the process.
3.1.2.1 Narrow differential point units
1. Turn off the power to the unit.
2. Remove the leadwire from the probe.
3. Turn the setpoint potentiometers fully counterclockwise.
4. Turn all time delay potentiometers fully counterclockwise.
5. Move the probe level range jumper to the HI position.
Refer to Figure 9 on page 9.
a. When the probe range jumper (switch) is in the HI
position, a low level is simulated. When it is in the LO
position, a high level is simulated.
b. On remote mounted units, this jumper is located inside
the probe housing on the probe preamplifier board.
6. Turn on power to the unit.
7. The red LEDs will be off. Adjust the narrow differential
point potentiometer(s) counterclockwise until the LED(s)
turn on. Then slowly adjust each potentiometer clockwise
until the LED turns off.
8. The probe range jumper (switch) can now be switched
between the HI and LO positions and the LEDs will go
on and off. The relays will also go on and off accordingly.
If your unit operates as described above, the probe pream-
plifier board, the probe preamplifier cable and amplifier
are functioning correctly.
If your unit does NOT operate as described above, it is
malfunctioning. Perform the following checks:
1. Take DC voltage reading across probe preamplifier
terminals – should be approximately 12 VDC.
2. Take AC voltage reading across probe preamplifier
terminals – should be .1 to .2 VAC.
3. Consult factory – have test data available for discussion.
NOTE: These values can also be taken at probe preamplifier
wiring terminals on remote installations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com