| Electronic Components Datasheet Search |
|
818022322 Datasheet(PDF) 12 Page - Magnetrol International, Inc. |
|
|
|||||||||||||||||||||||||||||
818022322 Datasheet(HTML) 12 Page - Magnetrol International, Inc. |
|
12 / 28 page ![]() 9 50-605 Kotron RF Point Model 80/81 Level Switches Caution: Observe all applicable electrical codes and proper wiring procedures. 5. Replace housing cover. 6. Power up unit and proceed with calibration of instrument as described in instructions following. NOTE: Be certain to route all power and control wires through con- duit outlet only and run probe wire up through center hole in amplifier housing base. Supply voltage and signal wires should not be run in the same conduit. 2.7.2 Remote Mount Models Remote type units are furnished with a preamplifier hous- ing having a circuit board with preamplifier-to-amplifier terminals. Preamplifier connection terminals are located at the upper left side of the preamplifier circuit board. Refer to Figure 9. Locate the white wire which is fastened to the (+) Probe Terminal on the circuit board. Connect the free end of this wire to the Probe Connection Screw. Refer to Figure 6 on page 4. 2.7.2.1 Probe Preamplifier Wiring 1. Strip approximately .75 inch of outer jacket insulation from each end of the conductor. 2. At the probe preamplifier end, twist the black wire and shield together to form a single conductor. Crimp on sol- derless connectors securely to both red and black leads. 3. Connect the red lead to the positive (+) terminal on the probe preamplifier board. Refer to Figure 9. 4. Connect the black wire and shield to the negative (–) terminal on the probe preamplifier board. 5. At the main amplifier location, twist the black wire and shield together to form a single conductor. 6. Crimp on solderless connectors securely to both the red and black leads. 7. Connect red lead to positive (+) terminal on the amplifier. Refer to Section 3.4, Terminal Connections on page 21. 8. Connect black wire and shield to the negative (–) terminal on the amplifier. TB1 POWER LO HI PROBE Connect white wire to probe connection screw. Probe range jumper (JU1) Probe preamplifier to positive and negative terminals on amplifier. (+) (—) Figure 9 Probe preamplifier circuit board |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |