Electronic Components Datasheet Search
  English  ▼

X  

OPA322SAIDBVT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # OPA322SAIDBVT
Description  20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier with Shutdown
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA322SAIDBVT Datasheet(HTML) 2 Page - Texas Instruments

  OPA322SAIDBVT Datasheet HTML 1Page - Texas Instruments OPA322SAIDBVT Datasheet HTML 2Page - Texas Instruments OPA322SAIDBVT Datasheet HTML 3Page - Texas Instruments OPA322SAIDBVT Datasheet HTML 4Page - Texas Instruments OPA322SAIDBVT Datasheet HTML 5Page - Texas Instruments OPA322SAIDBVT Datasheet HTML 6Page - Texas Instruments OPA322SAIDBVT Datasheet HTML 7Page - Texas Instruments OPA322SAIDBVT Datasheet HTML 8Page - Texas Instruments OPA322SAIDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
OPA322, OPA322S
OPA2322, OPA2322S
OPA4322, OPA4322S
SBOS538C
– JANUARY 2011 – REVISED NOVEMBER 2011
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGE/ORDERING INFORMATION(1)
PACKAGE
PRODUCT
PACKAGE-LEAD
DESIGNATOR
PACKAGE MARKING
OPA322
SOT23-5
DBV
RAD
OPA322S(2)
SOT23-6
DBV
RAF
SO-8
D
O2322A
OPA2322
MSOP-8
DGK
OOZI
DFN-8
DRG
OPCI
OPA2322S(2)
MSOP-10
DGS
OPBI
OPA4322(2)
TSSOP-14
PW
OPA4322
OPA4322S(2)
TSSOP-16
PW
OPA4322S
(1)
For the most current package and ordering information, see the Package Option Addendum located at the end of this data sheet, or visit
the device product folder at www.ti.com.
(2)
Product preview device.
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range, unless otherwise noted.
OPA322, OPA322S, OPA2322,
OPA2322S, OPA4322, OPA4322S
UNIT
Supply voltage, VS = (V+) – (V–)
6
V
Voltage(2)
(V
–) – 0.5 to (V+) + 0.5
V
Signal input pins
Current(2)
±10
mA
Output short-circuit current(3)
Continuous
mA
Operating temperature, TA
–40 to +150
°C
Storage temperature, Tstg
–65 to +150
°C
Junction temperature, TJ
+150
°C
Human body model (HBM)
4000
V
ESD ratings
Charged device model (CDM)
1000
V
Machine model (MM)
200
V
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
(2)
Input terminals are diode-clamped to the power-supply rails. Input signals that can swing more than 0.5 V beyond the supply rails should
be current limited to 10 mA or less.
(3)
Short-circuit to ground, one amplifier per package.
2
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): OPA322 OPA322S OPA2322 OPA2322S OPA4322 OPA4322S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com