Electronic Components Datasheet Search
  English  ▼

X  

OPA322SAIDBVT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # OPA322SAIDBVT
Description  20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier with Shutdown
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA322SAIDBVT Datasheet(HTML) 3 Page - Texas Instruments

  OPA322SAIDBVT Datasheet HTML 1Page - Texas Instruments OPA322SAIDBVT Datasheet HTML 2Page - Texas Instruments OPA322SAIDBVT Datasheet HTML 3Page - Texas Instruments OPA322SAIDBVT Datasheet HTML 4Page - Texas Instruments OPA322SAIDBVT Datasheet HTML 5Page - Texas Instruments OPA322SAIDBVT Datasheet HTML 6Page - Texas Instruments OPA322SAIDBVT Datasheet HTML 7Page - Texas Instruments OPA322SAIDBVT Datasheet HTML 8Page - Texas Instruments OPA322SAIDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
OPA322, OPA322S
OPA2322, OPA2322S
OPA4322, OPA4322S
www.ti.com
SBOS538C
– JANUARY 2011 – REVISED NOVEMBER 2011
ELECTRICAL CHARACTERISTICS: VS = +1.8 V to +5.5 V, or ±0.9 V to ±2.75 V
Boldface limits apply over the specified temperature range, TA = –40°C to +125°C.
At TA = +25°C, RL = 10 kΩ connected to VS/2, VCM = VS/2, VOUT = VS/2, and SHDN_x = VS+, unless otherwise noted.
OPA322, OPA322S, OPA2322,
OPA2322S, OPA4322, OPA4322S
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
Input offset voltage
VOS
0.5
2
mV
vs Temperature
dVOS/dT
VS = +5.5 V
1.8
6
μV/°C
vs Power supply
PSR
VS = +1.8 V to +5.5 V
10
50
μV/V
Over temperature
VS = +1.8 V to +5.5 V
20
65
μV/V
Channel separation
At 1 kHz
130
dB
INPUT VOLTAGE
Common-mode voltage range
VCM
(V
–) – 0.1
(V+) + 0.1
V
Common-mode rejection ratio
CMRR
(V
–) – 0.1 V < VCM < (V+) + 0.1 V
90
100
dB
Over temperature
90
dB
INPUT BIAS CURRENT
Input bias current
IB
±0.2
±10
pA
TA = –40°C to +85°C
±50
pA
Over temperature
OPA322, OPA322S, TA = –40°C to +125°C
±800
pA
OPA2322, OPA2322S, TA = –40°C to +125°C
±400
pA
Input offset current
IOS
±0.2
±10
pA
TA = –40°C to +85°C
±50
pA
Over temperature
TA = –40°C to +125°C
±400
pA
NOISE
Input voltage noise
f = 0.1 Hz to 10 Hz
2.8
μVPP
f = 1 kHz
8.5
nV/
√Hz
Input voltage noise density
en
f = 10 kHz
7
nV/
√Hz
Input current noise density
in
f = 1 kHz
0.6
fA/
√Hz
INPUT CAPACITANCE
Differential
5
pF
Common-mode
4
pF
OPEN-LOOP GAIN
0.1 V
< VO < (V+) – 0.1 V, RL = 10 kΩ
100
130
dB
Open-loop voltage gain
AOL
0.1 V
< VO < (V+) – 0.1 V, RL = 10 kΩ
94
dB
Phase margin
PM
VS = 5 V, CL = 50 pF
47
Degrees
FREQUENCY RESPONSE
VS = 5.0 V, CL = 50 pF
Gain bandwidth product
GBP
Unity gain
20
MHz
Slew rate
SR
G = +1
10
V/
μs
To 0.1%, 2-V step, G = +1
0.25
μs
Settling time
tS
To 0.01%, 2-V step, G = +1
0.32
μs
Overload recovery time
VIN × G > VS
100
ns
VO = 4 VPP, G = +1, f = 10 kHz, RL = 10 kΩ
0.0005
%
Total harmonic distortion +
THD+N
noise(1)
VO = 2 VPP, G = +1, f = 10 kHz, RL = 600 Ω
0.0011
%
(1)
Third-order filter; bandwidth = 80 kHz at
–3 dB.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): OPA322 OPA322S OPA2322 OPA2322S OPA4322 OPA4322S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com