Electronic Components Datasheet Search
  English  ▼

X  

OPA322SAIDBVT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # OPA322SAIDBVT
Description  20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier with Shutdown
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA322SAIDBVT Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA322SAIDBVT Datasheet HTML 3Page - Texas Instruments OPA322SAIDBVT Datasheet HTML 4Page - Texas Instruments OPA322SAIDBVT Datasheet HTML 5Page - Texas Instruments OPA322SAIDBVT Datasheet HTML 6Page - Texas Instruments OPA322SAIDBVT Datasheet HTML 7Page - Texas Instruments OPA322SAIDBVT Datasheet HTML 8Page - Texas Instruments OPA322SAIDBVT Datasheet HTML 9Page - Texas Instruments OPA322SAIDBVT Datasheet HTML 10Page - Texas Instruments OPA322SAIDBVT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
140
120
100
80
60
40
20
0
20
-
1
100M
Frequency(Hz)
100k
1M
10M
10
100
1k
10k
-20
40
60
80
100
120
140
160
180
-
-
-
-
-
-
-
-
R =10k ,50pF
V = 2.5V
W
L
S
±
Phase
Gain
125
120
115
110
105
100
95
90
85
-50
150
Temperature( C)
°
75
100
125
2k
Load
W
10k
Load
W
-25
0
25
50
1
0.8
0.6
0.4
0.2
0
0.2
0.4
0.6
0.8
1
-
-
-
-
-
0.9
2.9
SupplyVoltage( V)
±
1.1
1.3
1.5
1.7
2.5
I
B-
I
B+
2.3
2.1
1.9
2.7
6
5
4
3
2
1
0
1
2
3
4
5
6
-
-
-
-
-
-
-3
3
Common-ModeVoltage(V)
-2.5
-2
-1.5
-1
1
0.5
0
-0.5
1.5
I
B+
I
B-
I
OS
2
2.5
1300
1200
1100
1000
900
800
700
600
500
400
300
200
100
0
100
-
-50
150
Temperature( C)
°
-25
25
50
0
75
100
125
I
OS
I
B+
I
B-
I
OS
I
B
1.6
1.55
1.5
1.45
1.4
1.35
1.3
1.5
5.5
SupplyVoltage(V)
4
4.5
5
2
2.5
3
3.5
+125 C
°
+85 C
°
+25 C
°
-
°
40 C
OPA322, OPA322S
OPA2322, OPA2322S
OPA4322, OPA4322S
www.ti.com
SBOS538C
– JANUARY 2011 – REVISED NOVEMBER 2011
TYPICAL CHARACTERISTICS
At TA = +25°C, VCM = VOUT = mid-supply, and RL = 10 kΩ, unless otherwise noted.
OPEN-LOOP GAIN/PHASE vs FREQUENCY
OPEN-LOOP GAIN vs TEMPERATURE
Figure 1.
Figure 2.
INPUT BIAS CURRENT vs SUPPLY VOLTAGE
INPUT BIAS CURRENT vs COMMON-MODE VOLTAGE
Figure 3.
Figure 4.
INPUT BIAS CURRENT vs TEMPERATURE
QUIESCENT CURRENT vs SUPPLY VOLTAGE
Figure 5.
Figure 6.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): OPA322 OPA322S OPA2322 OPA2322S OPA4322 OPA4322S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com