Electronic Components Datasheet Search
  English  ▼

X  

AM3359 Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part # AM3359
Description  AM335x ARM Cortex-A8 Microprocessors (MPUs)
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3359 Datasheet(HTML) 45 Page - Texas Instruments

Back Button AM3359 Datasheet HTML 41Page - Texas Instruments AM3359 Datasheet HTML 42Page - Texas Instruments AM3359 Datasheet HTML 43Page - Texas Instruments AM3359 Datasheet HTML 44Page - Texas Instruments AM3359 Datasheet HTML 45Page - Texas Instruments AM3359 Datasheet HTML 46Page - Texas Instruments AM3359 Datasheet HTML 47Page - Texas Instruments AM3359 Datasheet HTML 48Page - Texas Instruments AM3359 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 162 page
background image
AM3359, AM3358, AM3357
AM3356, AM3354, AM3352
www.ti.com
SPRS717
– OCTOBER 2011
Table 2-7. Ball Characteristics (ZCE and ZCZ Packages) (continued)
BALL RESET
BUFFER
PULLUP
ZCE BALL
ZCZ BALL
TYPE BALL RESET
RESET REL.
ZCE POWER /
HYS
PIN NAME [2]
SIGNAL NAME [3]
MODE [4]
REL. STATE
STRENGTH
/DOWN TYPE
I/O CELL [13]
NUMBER [1] NUMBER [1]
[5]
STATE [6]
MODE [8]
ZCZ POWER [9]
[10]
[7]
(mA) [11]
[12]
C15
A15
XDMA_EVENT_INTR0
xdma_event_intr0
0
I
Z
(8)
(7)
(4)
VDDSHV6 /
Yes
4
PU/PD
LVCMOS
VDDSHV6
timer4
2
I/O
clkout1
3
O
spi1_cs1
4
I/O
pr1_pru1_pru_r31_16
5
I
EMU2
6
I/O
gpio0_19
7
I/O
B15
D14
XDMA_EVENT_INTR1
xdma_event_intr1
0
I
Z
L
7
VDDSHV6 /
Yes
4
PU/PD
LVCMOS
VDDSHV6
tclkin
2
I
clkout2
3
O
timer7
4
I/O
pr1_pru0_pru_r31_16
5
I
EMU3
6
I/O
gpio0_20
7
I/O
W11
V10
XTALIN
OSC0_IN
0
I
Z
Z
0
VDDS_OSC /
Yes
NA
PD
(1)
LVCMOS
VDDS_OSC
W12
U11
XTALOUT
OSC0_OUT
0
O
(15)
0
VDDS_OSC /
NA
TBD
NA
LVCMOS
VDDS_OSC
(1) A internal 15 kohm pull down is turned on when the oscillator is disabled. The oscillator is enabled by default after power is applied.
(2) An external pull-down resistor should be connected to this terminal to minmize leakage current when not using the oscillator.
(3) LCD_DATA[15:0] terminals are respectively SYSBOOT[15:0] inputs, latched on the rising edge of PWRONRSTn.
(4) Reset Release Mode = 7 if sysboot[5] is low. Mode = 3 if sysboot[5] is high.
(5) The internal USB PHY can be configured to multiplex the UART2_TX or UART2_RX signals to this terminal. For more details refer to USB GPIO Details section of the TRM.
(6) The internal USB PHY can be configured to multiplex the UART3_TX or UART3_RX signals to this terminal. For more details refer to USB GPIO Details section of the TRM.
(7) This terminal has an internal pull-down that remains on after reset is released if sysboot[5] is low on the rising edge or PWRONRSTn. This terminal will initially be driven low after reset is
released if sysboot[5] is high on the rising edge or PWRONRSTn, then it begins to toggle at the same frequency of the XTALIN terminal.
(8) This terminal has an internal pull-down turned on while reset is asserted.
(9) This terminal is a analog input used to set the switching threshold of the DDR input buffers to (VDDS_DDR / 2).
(10) This terminal is a analog passive signal that connects to an external 50 ohm 2% reference resistor which is used to calibrate the DDR input/output buffers.
(11) This terminal is analog input that may also be configured as an open-drain output.
(12) This terminal is analog input that may also be configured as an open-source or open-drain output.
(13) This terminal is analog input that may also be configured as an open-source output.
(14) This terminal is high-Z when the oscillator is diasabled. This terminal is driven high if RTC_XTALIN is less than VIL, driven low if RTC_XTALIN is greater than VIH, and driven to a
unknown value if RTC_XTALIN is between VIL and VIH when the oscillator is enabled. The oscillator is disabled by default after power is applied.
(15) This terminal is high-Z when the oscillator is diasabled. This terminal is driven high if XTALIN is less than VIL, driven low if XTALIN is greater than VIH, and driven to a unknown value if
XTALIN is between VIL and VIH when the oscillator is enabled. The oscillator is enabled by default after power is applied.
(16) This terminal requires two power supplies, VDDA3P3v_USB0 and VDDA1P8v_USB0. The "*" character in the power supply name is a wild card that represents "3P3v" and "1P8v".
Copyright
© 2011, Texas Instruments Incorporated
Terminal Description
45
Submit Documentation Feedback
www.ti.com: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com