Electronic Components Datasheet Search
  English  ▼

X  

AM3359 Datasheet(PDF) 79 Page - Texas Instruments

Click here to check the latest version.
Part # AM3359
Description  AM335x ARM Cortex-A8 Microprocessors (MPUs)
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3359 Datasheet(HTML) 79 Page - Texas Instruments

Back Button AM3359 Datasheet HTML 75Page - Texas Instruments AM3359 Datasheet HTML 76Page - Texas Instruments AM3359 Datasheet HTML 77Page - Texas Instruments AM3359 Datasheet HTML 78Page - Texas Instruments AM3359 Datasheet HTML 79Page - Texas Instruments AM3359 Datasheet HTML 80Page - Texas Instruments AM3359 Datasheet HTML 81Page - Texas Instruments AM3359 Datasheet HTML 82Page - Texas Instruments AM3359 Datasheet HTML 83Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 162 page
background image
AM3359, AM3358, AM3357
AM3356, AM3354, AM3352
www.ti.com
SPRS717
– OCTOBER 2011
Table 3-4. Recommended Operating Conditions (continued)
PARAMETER
MIN
NOM
MAX
UNIT
SUPPLY NAME
DESCRIPTION
Commercial Temperature
0
90
Operating Temperature
Industrial Temperature
-40
90
°C
Range, Tj
Extended Temperature
-40
105
(1) Not available on the ZCE package. VDD_MPU is merged with VDD_CORE in the ZCE package.
(2) This supply is sourced from an internal LDO when RTC_KALDO_ENn is low. If RTC_KALDO_ENn is high, this supply must be sourced
from an external power supply.
(3) VDDS should be supplied irrespective of 1.8-V or 3.3-V mode of operation of the dual voltage IOs.
(4) Not available on the ZCE package.
Table 3-5. Operating Performance Points for ZCZ Package(1)
OPP
VDD_MPU(2)
VDD_CORE(2)
ARM (A8)
DDR3
DDR2
mDDR
L3/L4
Turbo
1.26 V
±4%
1.1 V
±4%
720 MHz
303 MHz
200 MHz
180 MHz
200/100 MHz
OPP120
1.2 V
±4%
1.1 V
±4%
600 MHz
303 MHz
200 MHz
180 MHz
200/100 MHz
OPP100
1.1 V
±4%
1.1 V
±4%
500 MHz
303 MHz
200 MHz
180 MHz
200/100 MHz
OPP50
0.95 V
±4%
0.95 V
±4%
275 MHz
-
125 MHz
90 MHz
100/50 MHz
(1) Frequencies in this table indicate maximum performance for a given OPP condition.
(2) Interfaces in this row are validated and available on OPP50.
Table 3-6. Operating Performance Points for ZCE Package(1)
OPP
VDD_CORE(2)
ARM (A8)
DDR3
DDR2
mDDR
L3/L4
OPP100
1.1 V
±4%
500 MHz
303 MHz
200 MHz
180 MHz
200/100 MHz
OPP50
0.95 V
±4%
275 MHz
-
125 MHz
90 MHz
100/50 MHz
(1) Frequencies in this table indicate maximum performance for a given OPP condition.
(2) Interfaces in this row are validated and available on OPP50.
Copyright
© 2011, Texas Instruments Incorporated
Device Operating Conditions
79
Submit Documentation Feedback
www.ti.com: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com