Electronic Components Datasheet Search
  English  ▼

X  

IC-DC Datasheet(PDF) 17 Page - IC-Haus GmbH

Part # IC-DC
Description  2-CHANNEL BUCK/BOOST DC/DC CONVERTER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-DC Datasheet(HTML) 17 Page - IC-Haus GmbH

Back Button IC-DC Datasheet HTML 11Page - IC-Haus GmbH IC-DC Datasheet HTML 12Page - IC-Haus GmbH IC-DC Datasheet HTML 13Page - IC-Haus GmbH IC-DC Datasheet HTML 14Page - IC-Haus GmbH IC-DC Datasheet HTML 15Page - IC-Haus GmbH IC-DC Datasheet HTML 16Page - IC-Haus GmbH IC-DC Datasheet HTML 17Page - IC-Haus GmbH IC-DC Datasheet HTML 18Page - IC-Haus GmbH IC-DC Datasheet HTML 19Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
preliminary
preliminary
iC-DC
2-CHANNEL BUCK/BOOST DC/DC CONVERTER
Rev A3, Page 17/19
EXAMPLE APPLICATION
INDEX OUTPUT
AND
iC-TL85
iC-PT Series
VB1
VOLTAGE
ENABLE
LIN.-REG.1
SUPPLY
OUTPUT
SWITCH 2
5V/3.3V/R1:R2
VCC1:
VCC2:
4.5..32V
SELECT RESOLUTION
NB
U
V
W
PZ
SUPPLY
THERMAL
SHUTDOWN
BUCK
SUPPLY
LIN.-REG.2
CONTROL
MONITORING
REFERENCE
SEL
0V
VB3
PB
PROTECT.
LED
POWER
CONTROL
OUTPUT
COMPARATION
SIGNAL
BIAS
BOOST
SWITCHING REGULATOR
3.3V/2.5V/R3:R4
OSCILLATOR
ERROR DETECT.
AUTARKY
DETECT.
REVERSE
INTERNAL
CONFIGURATION
MONITOR
COMMUTATION
PA
SWITCH 1
VOLTAGE
iC-DC
NERR_DC
iC-DL
NA
VB2
iC-LTA
POWER-ON RESET
QUADRATURE
NZ
+
-
C1
100nF
RREF
20k
100nF
C5
10μF
CVBR
D12
D13
D10
D11
D5
D6
D7
D3
D4
D1
D2
D9
ZD1
47
RLED
ZD2
C2
100nF
R3
CVB
1μF
1
1
D8
100nF
100nF
C3
&
C4
CVH
3.3μF
CVCC2
1μF
1μF
CVCC1
3.3μF
CVH1
&
2
CVH2
3.3μF
LVBH
22μH
2
2
ERROR DETECTION
UNDERVOLTAGE &
OVERTEMPERATURE
MODE
1
R2
2k
RERR
A6
A3
A5
VBR
R1
30.1k
10k
GND
SEL
VCC2
VCC1
NER
A1
A2
A4
E2
E3
E4
E5
E6
GND3
VCC
NER
A1
A2
A3
A4
A5
A6
VB1
VB2
VB3
DIFF
GND4
GND2
GND1
VCC1
VCC2 VCC1
NERR_DC
NERR_DC
VB
VCC
LED
PA
NZ
PZ
NB
PB
NA
VBR
ENA
TNER
E1
RREF
VCC1,VCC2
TEST
V1OK
V2OK
VCC2
POE2
TOK
VBROK
VH1
GND
GND
W
V
TIP
TIN
U
VBR
VBL
VHL
VH
GNDA
VB
CFG1
CFG2
ENV1
ENV2
NAUT
VH2
POE1
VCC1
20k
RREF
100nF
C1
RLED
47
ZD1
D1
D2
D9
D3
D4
D5
D6
D7
D10
D11
D12
D13
C5
100nF
CVBR
10μF
ZD2
100nF
C2
D8
R3
1μF
CVB
&
100nF
C4
C3
100nF
3.3μF
CVH2
&
1μF
CVCC2
CVCC1
1μF
CVH1
3.3μF
3.3μF
CVH
22μH
LVBH
0
1
0
1
1
OVERTEMPERATURE
UNDERVOLTAGE &
ERROR DETECTION
&
MODE
0
1
30.1k
R1
R2
10k
RERR
2k
Figure 9: Application with iC-DC, iC-PT, and iC-DL
The application diagram in Figure 9 shows an example
circuit featuring the DC/DC converter iC-DC. The input
voltage range is set to between 4.5 V and 32 V by line
driver iC-DL. The output voltages of the two linear reg-
ulators are each configured to 5 V. VCC2 supplies the
optical 6-channel incremental scanner iC-LTA/iC-PT
and VCC1 the 5 V section of 24 V line driver iC-DL.
This creates a separation in the supply voltage be-
tween the sensing mechanism and the digital switching
section of the circuitry.
The status signals for overvoltage (VBROK) and
overtemperature (TOK) in iC-DC are connected to iC-
DL’s error message input TNER. This links the iC-
DC error messages to iC-DL’s own undervoltage and
overtemperature monitor.
iC-DL’s open-drain error
message output NER thus provides the error mes-
sages for both ICs.
This example circuit makes use of iC-DC’s integrated
reverse polarity protection feature.
The illustrated
diodes ZD1, ZD2, D2 to D13 and resistor R3 form the
basis for a protective circuit against overvoltage for all
outputs. No specific designations are given for these
components as these protective circuits are to be indi-
vidually configured and dimensioned according to the
application and requirement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com