Electronic Components Datasheet Search
  English  ▼

X  

IC-DC Datasheet(PDF) 4 Page - IC-Haus GmbH

Part # IC-DC
Description  2-CHANNEL BUCK/BOOST DC/DC CONVERTER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-DC Datasheet(HTML) 4 Page - IC-Haus GmbH

  IC-DC Datasheet HTML 1Page - IC-Haus GmbH IC-DC Datasheet HTML 2Page - IC-Haus GmbH IC-DC Datasheet HTML 3Page - IC-Haus GmbH IC-DC Datasheet HTML 4Page - IC-Haus GmbH IC-DC Datasheet HTML 5Page - IC-Haus GmbH IC-DC Datasheet HTML 6Page - IC-Haus GmbH IC-DC Datasheet HTML 7Page - IC-Haus GmbH IC-DC Datasheet HTML 8Page - IC-Haus GmbH IC-DC Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
preliminary
preliminary
iC-DC
2-CHANNEL BUCK/BOOST DC/DC CONVERTER
Rev A3, Page 4/19
PACKAGES
PIN CONFIGURATION
QFN24-4x4 (4 mm x 4 mm)
yyww...
...
DC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
PIN FUNCTIONS
No. Name
Function
1 RREF
Reference Resistor
2 GNDA
Analog Ground
3 CFG1
VCC1 Configuration 3.3/5.0 V or
1.5 V to 5.5 V with ext. R Divider
4 CFG2
VCC2 Configuration2.5/3.3 V or
1.5 V to 5.5 V with ext. R Divider
5 TEST
Test Input
6 POE2
Power Output Enable VCC2 Voltage
7 V2OK
Error Output VCC2 Voltage
8 VCC2
1.5 V to 5.5 V Lin. Regulator Output 2
9 VH2
Intermediate Voltage 2
for VCC2 Regulator
10 VH1
Intermediate Voltage 1
for VCC1 Regulator
11 VCC1
1.5 V to 5.5 V Lin. Regulator Output 1
12 V1OK
Error Output VCC1 Voltage
13 POE1
Power Output Enable VCC1 Voltage
14 VH
Intermediate Voltage
15 VHL
Inductor Terminal VH
16 GND
Power Ground
17 VBL
Inductor Terminal VB
18 VBR
Reverse Protected Supply Voltage
19 VB
+4 V to +36 V Supply Voltage
20 ENV1
VCC1 Linear Regulator Activation
21 ENV2
VCC2 Linear Regulator Activation
22 VBROK Error Output Supply Voltage
23 TOK
Error Output Overtemperature
24 NAUT
Error Output Autarky
TP
Thermal Pad
The Thermal Pad on the underside of the package should be appropriately connected to GND for better heat
dissipation (ground plane). GNDA should also be directly connected to neutral point GND. Ground loops should
be avoided.
Only the Pin 1 mark on the front or reverse is determinative for package orientation (
DC and code are
subject to change).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com