Electronic Components Datasheet Search
  English  ▼

X  

MB3U Datasheet(PDF) 1 Page - IC-Haus GmbH

Part # MB3U
Description  BiSS TO PC-USB ADAPTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

MB3U Datasheet(HTML) 1 Page - IC-Haus GmbH

  MB3U Datasheet HTML 1Page - IC-Haus GmbH MB3U Datasheet HTML 2Page - IC-Haus GmbH MB3U Datasheet HTML 3Page - IC-Haus GmbH MB3U Datasheet HTML 4Page - IC-Haus GmbH MB3U Datasheet HTML 5Page - IC-Haus GmbH MB3U Datasheet HTML 6Page - IC-Haus GmbH MB3U Datasheet HTML 7Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MB3U, MB3U-I2C
BiSS TO PC-USB ADAPTER
Rev B2, Page 1/7
ORDERING INFORMATION
Type
Order Designation
Description Options
PC Adpater
iC-MB3 iCSY MB3U
BiSS to PC-USB Adapter
iC-MB3 iCSY MB3U-I2C
BiSS and I2C to PC-USB Adapter
iC-MB3 iCSY MB3U-PS230
BiSS to PC-USB Adapter
including wall power supply
(230VAC to 12 V; 400 mA)
iC-MB3 iCSY MB3U-I2C-PS230 BiSS and I2C to PC-USB Adapter
including wall power supply
(230VAC to 12 V; 400 mA)
Software
BiSS GUI
GUI software for Windows PC
communication to BiSS PC Adapter
MB3U USB DRIVER
USB device driver
(Windows ME/2000/XP/Vista - ready)
please see www.ichaus.com for download information
Scope of delivery: USB AB cable (1 m)
DESCRIPTION
The BiSS to PC-USB Adapter enables BiSS or SSI
sensors to be connected to a PC easily and at low
cost. The USB port supplies the adapter as well as
the connected sensor, for which the 5V (up to 50 mA,
through Pin 4)* and 12 V (up to 90 mA, through Pin 1)*
as galvanically isolated voltages are available. An ex-
ternal wall power supply can also be connected to de-
liver other voltages or higher currents. The BiSS/SSI
communication is accomplished by differential RS422
wires with separate potentials and cycle rates of up to
10 Mbit/sec.
Technical Data BiSS Interface
• Synchronously triggered measurement data collec-
tion from up to 3 BiSS sensors or one SSI encoder
• BiSS data rates up to 10 Mbit/sec., SSI up to
4 Mbit/sec.
• Protocol compatible with BiSS Master iC-MB3z
• USB 2.0 compatible
• Galvanic encoder signal isolation
• Galvanically isolated sensor supply sourced from the
USB port (+12 V / 90 mA, +5 V / 50 mA)*
• Plug-in power supply can be connected for sensors
with higher power needs
42 x 95 x 24 mm
BiSS Plug
9-pole SUB-D
USB-B Plug
2-pole, 6.6/1.9 mm
Power Supply Socket
4-pole
DIN 45323
size approx.
1
9
6
5
BiSS Plug
9-pole SUB-D
Figure 1: iC-MB3 iCSY MB3U
* 100 mA for +5 V and +12 V available starting from 2008
Copyright © 2010 iC-Haus
http://www.ichaus.com


Similar Part No. - MB3U

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
MB3U ICHAUS-MB3U Datasheet
1Mb / 16P
BiSS, SSI, PC-USB ADAPTER
MB3U ICHAUS-MB3U_17 Datasheet
1Mb / 16P
BiSS, SSI, PC-USB ADAPTER
More results

Similar Description - MB3U

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
MB3A ICHAUS-MB3A Datasheet
177Kb / 2P
BiSS to PC-LPT ADAPTER
MB4U ICHAUS-MB4U Datasheet
1Mb / 5P
BiSS, SSI, PC-USB 2.0 ADAPTER
MB4U ICHAUS-MB4U_11 Datasheet
1Mb / 5P
BiSS, SSI, PC-USB 2.0 ADAPTER
IC-TOOLSSC ICHAUS-IC-TOOLSSC Datasheet
3Mb / 9P
SIN/COS INTERFACE ADAPTER TO PC-USB 2.0
logo
Future Technology Devic...
UT232R-500 FTDI-UT232R-500 Datasheet
495Kb / 24P
USB to RS232 Adapter cable
logo
IC-Haus GmbH
MB5U ICHAUS-MB5U Datasheet
2Mb / 7P
High Performance isolated BiSS to PC Adapter (USB)
MB4U ICHAUS-MB4U_17 Datasheet
1Mb / 16P
BiSS, SSI, PC-USB 2.0 ADAPTER
MB3U ICHAUS-MB3U_17 Datasheet
1Mb / 16P
BiSS, SSI, PC-USB ADAPTER
logo
SparkFun Electronics
COM-14567 SPARKFUN-COM-14567 Datasheet
135Kb / 2P
USB to Micro?륛 Adapter
2????8
logo
Pepperl+Fuchs Inc.
PSPA1C1GE PF-PSPA1C1GE Datasheet
311Kb / 1P
USB-C to Ethernet Adapter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com