Electronic Components Datasheet Search
  English  ▼

X  

MB3U Datasheet(PDF) 2 Page - IC-Haus GmbH

Part # MB3U
Description  BiSS TO PC-USB ADAPTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

MB3U Datasheet(HTML) 2 Page - IC-Haus GmbH

  MB3U Datasheet HTML 1Page - IC-Haus GmbH MB3U Datasheet HTML 2Page - IC-Haus GmbH MB3U Datasheet HTML 3Page - IC-Haus GmbH MB3U Datasheet HTML 4Page - IC-Haus GmbH MB3U Datasheet HTML 5Page - IC-Haus GmbH MB3U Datasheet HTML 6Page - IC-Haus GmbH MB3U Datasheet HTML 7Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MB3U, MB3U-I2C
BiSS TO PC-USB ADAPTER
Rev B2, Page 2/7
BiSS Plug Pin Configuration
Pin
Name
Function
1
VB
+12 V Sensor supply (90 mAmax)*
Optional: powered by ext. supply
2
MA +
Clock output P
3
MA -
Clock output N
4
VDD
+5 V Sensor supply (50 mAmax)*
5
MO -
+5 V High-level signal
Optional: master data output N
6
GND
Ground (0 V)
7
SL +
Data input P
8
SL -
Data input N
9
MO +
0 V Low-level signal
Optional: master data output P
Power Supply Socket
Inner contact
Negative pole
Outer contact
Pos. pole (9 to 15 V DC, 1 Amax)
PC-USB Adapter With I2C Extension
The BiSS and I2C to PC-USB Adapter has an addi-
tional plug for I2C or SPI communication. The USB
port supplies the sensors via the I2C plug with 5 V (up
to 250 mA, through Pin 4 - no galvanic isolation). If
there is load applied to the BiSS connector, the max-
imum current supplied via the I2C plug is decreased.
For more power, an additional external power supply is
recommended (the wall power supply does not supply
the I2C plug, see Figure 3). I2C multi-master capability
is not provided.
Technical Data I2C / SPI Interface
• Serial computer bus communication I2C
• Serial computer bus communication SPI
• Sensor supply sourced from the USB port
(+5 V up to 250 mA) without isolation
• I2C data rates of up to 320 kHz
• USB 2.0 compatible
42 x 95 x 24 mm
BiSS Plug
9-pole SUB-D
size approx.
2-pole, 6.6/1.9 mm
Power Supply Socket
10-pole
DIN 45323
I2C Plug
USB-B Plug
4-pole
1
2
Figure 2: iC-MB3 iCSY MB3U-I2C
I2C Plug Pin Configuration For I2C-Link
PIN
Name
Function
1
SCL
Serial Clock Line
2
GND
Ground
3
-
Reserved
4
+5 V
Supply Voltage
5
-
Reserved
6
-
Reserved
7
SDA
Serial Data Line
8
-
Reserved
9
SDA
Serial Data Line
10
GND
Ground
Note: To use I2C, pin 7 and pin 9 must be short.
I2C Plug Pin Configuration For SPI-Link
PIN
Name
Function
1
SCLK
Serial Clock
2
GND
Ground
3
-
Reserved
4
+5 V
Supply Voltage
5
-
Reserved
6
-
Reserved
7
MOSI
Master Out Slave IN
8
NCS
Not Chip Select
9
MISO
Master In Slave Out
10
GND
Ground
* 100 mA for +5 V and +12 V available starting from 2008



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com