Electronic Components Datasheet Search
  English  ▼

X  

B40-1F30-FKB Datasheet(PDF) 5 Page - Magnetrol International, Inc.

Part # B40-1F30-FKB
Description  Liquid Level Switches
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

B40-1F30-FKB Datasheet(HTML) 5 Page - Magnetrol International, Inc.

  B40-1F30-FKB Datasheet HTML 1Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 2Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 3Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 4Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 5Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 6Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 7Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 8Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 9Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
2.2
Piping
Figure 3 shows a typical piping installation of a Model B40
in a pipeline to a pressure vessel. Reference lines, on float
chamber, should be aligned to correspond with liquid level
in the vessel at which switch control is desired (refer to
dimensional drawing, if furnished). Use pipe of sufficient
strength to support the unit. If necessary, provide a stand
or hanger to help support its weight. All piping should be
straight and free of low spots or pockets so that the lower
liquid line will drain towards the vessel and the upper vapor
line will drain towards the control. Pipeline should be insulat-
ed, as shown, to minimize loss of liquid temperature and
further control of the heat in the area of the switch housing.
DO NOT insulate switch housing or float chamber.
NOTE: Manufacturer recommends that when welding chrome-moly
steel piping, the procedures used conform to AWS-D10.8-61.
Caution: DO NOT INSULATE SWITCH MECHANISM HOUSING.
2.3
Mounting
Caution: This instrument is intended for use in Installation Category
II,
Pollution Degree 2 locations.
Before welding, adjust piping to bring control to a vertical
position. B40 level controls require that the enclosing tube
be mounted within three degrees of vertical in all directions.
A three degree slant is noticeable by eye, but installation
should be checked using a spirit level.
5
46-602 B40 Liquid Level Switches
Rising Level
Falling Level
Pressure equalizing line
to pressure vessel
Liquid equalizing line to pressure vessel must be
vertical to within three degrees
Do not insulate
chamber, fins, or
switch housing
Inlet line
to chamber
Vent line
from chamber
Conduit connection
to switch shousing
Reference lines for
switch actuating levels
1" schedule 80
beveled in-line
weld nipples
for attaching
control to
system (typical)
Figure 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com