Electronic Components Datasheet Search
  English  ▼

X  

B40-1F30-FKB Datasheet(PDF) 9 Page - Magnetrol International, Inc.

Part # B40-1F30-FKB
Description  Liquid Level Switches
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

B40-1F30-FKB Datasheet(HTML) 9 Page - Magnetrol International, Inc.

Back Button B40-1F30-FKB Datasheet HTML 5Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 6Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 7Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 8Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 9Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 10Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 11Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 12Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 13Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
4.0
Reference Information
4.1
Troubleshooting
Usually the first indication of improper operation is failure
of the controlled equipment to function, i.e., pump will not
start (or stop), signal lamps fail to light, etc. When these
symptoms occur, whether at time of installation or during
routine service thereafter, check the following potential
external causes first.
a. Fuses may be blown.
b. Reset button(s) may need resetting.
c. Power switch may be open.
d. Controlled equipment may be faulty.
e. Wiring leading to control may be defective.
If a thorough inspection of these possible conditions fails to
locate the trouble, proceed next to a check of the control's
switch mechanism.
4.1.1 Check switch mechanism
1. Pull disconnect switch or otherwise disconnect power to
the control.
2. Remove switch housing cover.
3. Disconnect power wiring from switch assembly.
4. Swing magnet assembly in and out by hand to check carefully
for any sign of binding. Assembly should require minimal
force to move it through its full swing.
5. If binding exists, magnet may be rubbing enclosing tube.
If magnet is rubbing, loosen magnet clamp screw and shift
magnet position. Retighten magnet clamp screw.
6. If switch magnet assembly swings freely and mechanism
still fails to actuate, check installation of control to be
certain it is within the specified three degrees of vertical.
(Use spirit level on side of enclosing tube in two places,
90° apart.) Refer to Figure 3 on page 5.
7. If mechanism is equipped with a mercury switch, examine
glass mercury tube closely as previously described in
Section 3.0 Preventive Maintenance (page 7). If switch is
damaged, replace it immediately. If microswitch, check
continuity with ohmmeter.
8. If switch mechanism is operating satisfactorily, consult
factory.
9
46-602 B40 Liquid Level Switches



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com