Electronic Components Datasheet Search
  English  ▼

X  

B40-1F30-FKB Datasheet(PDF) 10 Page - Magnetrol International, Inc.

Part # B40-1F30-FKB
Description  Liquid Level Switches
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

B40-1F30-FKB Datasheet(HTML) 10 Page - Magnetrol International, Inc.

Back Button B40-1F30-FKB Datasheet HTML 6Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 7Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 8Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 9Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 10Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 11Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 12Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 13Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 14Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
46-602 B40 Liquid Level Switches
4.2
Agency Approvals
Œ
IEC Installation Instructions:
The cable entry and closing devices shall be Ex d certified suitable for the conditions of use
and correctly installed.
For ambient temperatures above +55° C or for process temperatures above +150° C, suitable
heat resistant cables shall be used.
Heat extensions (between process connection and housing) shall never be insulated.
Special conditions for safe use:
When the equipment is installed in process temperatures higher than +85° C the temperature
classification must be reduced according to the following table as per IEC60079-0.
AGENCY
APPROVED MODEL
APPROVAL CLASSES
FM
All with an electric switch mechanism and a housing
Class
I,Div1,GroupsC&D
listed as Type 4X/7/9
Class
II,Div1,GroupsE,F&G
All with an electric switch mechanism and a housing
Class
I,Div1,GroupsB,C&D
listed as Type 4X/7/9 Class
I,Div1,GroupB
Class
II,Div1,GroupsE,F&G
CSA
All with a Series 2, 3, F, L or HS electric switch mechanism
Class
I,Div2,GroupsB,C&D
and a housing listed as CSA Type 4X
All with an electric switch mechanism and a housing
Class
I,Div1,GroupsC&D
listed as Type 4X/7/9
Class
II,Div1,GroupsE,F&G
All with an electric switch mechanism and a housing
Class
I,Div1,GroupsB,C&D
listed as Type 4X/7/9 Class
I,Div1,GroupB
Class
II,Div1,GroupsE,F&G
ATEX / IEC Ex
Œ
All with an electric switch mechanism and an
ATEX
II2GEExdIICT6
ATEX housing
IEC Ex Ex d
IICT6
CE
Low Voltage Directives 73/23/EEC & 93/68/EEC
Installation Category
II
Per Harmonized Standard:
Pollution Degree 2
EN 61010-1/1993 & Amendment No. 1
Maximum Process
Temperature
Temperature
Classification
< 85° C
T6
< 100° C
T5
< 135° C
T4
< 200° C
T3
< 300° C
T2
< 450° C
T1
These units are in conformity with IECEx KEM 05.0020X
Classification Ex d
IICT6
Tambient -40° C to +70° C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com