Electronic Components Datasheet Search
  English  ▼

X  

FM25L16B Datasheet(PDF) 8 Page - Ramtron International Corporation

Part # FM25L16B
Description  16Kb Serial 3V F-RAM Memory
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM25L16B Datasheet(HTML) 8 Page - Ramtron International Corporation

Back Button FM25L16B Datasheet HTML 4Page - Ramtron International Corporation FM25L16B Datasheet HTML 5Page - Ramtron International Corporation FM25L16B Datasheet HTML 6Page - Ramtron International Corporation FM25L16B Datasheet HTML 7Page - Ramtron International Corporation FM25L16B Datasheet HTML 8Page - Ramtron International Corporation FM25L16B Datasheet HTML 9Page - Ramtron International Corporation FM25L16B Datasheet HTML 10Page - Ramtron International Corporation FM25L16B Datasheet HTML 11Page - Ramtron International Corporation FM25L16B Datasheet HTML 12Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
FM25L16B - 16Kb 3V SPI F-RAM
Rev. 1.3
Mar. 2011
Page 8 of 14
Figure 9. Memory Write (WREN not shown)
Figure 10. Memory Read
Endurance
The FM25L16B devices are capable of being
accessed at least 10
14 times, reads or writes. An F-
RAM memory operates with a read and restore
mechanism. Therefore, an endurance cycle is applied
on a row basis for each access (read or write) to the
memory array. The F-RAM architecture is based on
an array of rows and columns. Rows are defined by
A10-A3 and column addresses by A2-A0. See Block
Diagram (pg 2) which shows the array as 256 rows of
64-bits each. The entire row is internally accessed
once whether a single byte or all eight bytes are read
or written. Each byte in the row is counted only once
in an endurance calculation. The table below shows
endurance calculations for 64-byte repeating loop,
which includes an op-code, a starting address, and a
sequential 64-byte data stream. This causes each byte
to experience one endurance cycle through the loop.
F-RAM read and write endurance is virtually
unlimited even at 20MHz clock rate.
Table 5. Time to Reach Endurance Limit for Repeating 64-byte Loop
SCK Freq
(MHz)
Endurance
Cycles/sec.
Endurance
Cycles/year
Years to Reach
Limit
20
37,310
1.18 x 10
12
85.1
10
18,660
5.88 x 10
11
170.2
5
9,330
2.94 x 10
11
340.3
0
1
2
3
4567
0
1
2
34
5
6
4567
0
1
2
34567
op-code
0
0
0
0
0
0
1
MSB
11-bit Address
XX
X
X
X
10
9
321
0
76
54
3
2
10
LSB
MSB
LSB
CS
SCK
SI
SO
Data
1
0
1
2
3
4
567
0
1
2
34
5
4
567
0
1
2
34
5
6
7
op-code
0
0
0
0
0
0
1
0
MSB
11-bit Address
X
X
XX
X
10
3
2
1
0
76
54
321
0
LSB MSB
LSB
CS
SCK
SI
SO
Data
9
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com