Electronic Components Datasheet Search
  English  ▼

X  

FM25L16B Datasheet(PDF) 3 Page - Ramtron International Corporation

Part # FM25L16B
Description  16Kb Serial 3V F-RAM Memory
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM25L16B Datasheet(HTML) 3 Page - Ramtron International Corporation

  FM25L16B Datasheet HTML 1Page - Ramtron International Corporation FM25L16B Datasheet HTML 2Page - Ramtron International Corporation FM25L16B Datasheet HTML 3Page - Ramtron International Corporation FM25L16B Datasheet HTML 4Page - Ramtron International Corporation FM25L16B Datasheet HTML 5Page - Ramtron International Corporation FM25L16B Datasheet HTML 6Page - Ramtron International Corporation FM25L16B Datasheet HTML 7Page - Ramtron International Corporation FM25L16B Datasheet HTML 8Page - Ramtron International Corporation FM25L16B Datasheet HTML 9Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
FM25L16B - 16Kb 3V SPI F-RAM
Rev. 1.3
Mar. 2011
Page 3 of 14
Overview
The FM25L16B is a serial F-RAM memory. The
memory array is logically organized as 2,048 x 8 and
is accessed
using an industry standard Serial
Peripheral Interface or SPI bus. Functional operation
of the F-RAM is similar to serial EEPROMs. The
major difference between the FM25L16B and a serial
EEPROM with the same pinout is the F-RAM’s
superior write performance.
Memory Architecture
When accessing the FM25L16B, the user addresses
2,048 locations of 8 data bits each. These data bits
are shifted serially. The addresses are accessed using
the SPI protocol, which includes a chip select (to
permit multiple devices on the bus), an op-code, and
a two-byte address. The upper 5 bits of the address
range are ‘don’t care’ values. The complete address
of 11-bits specifies each byte address uniquely.
Most
functions
of
the
FM25L16B
either
are
controlled by the SPI interface or are handled
automatically by on-board circuitry. The access time
for memory operation is essentially zero, beyond the
time needed for the serial protocol. That is, the
memory is read or written at the speed of the SPI bus.
Unlike an EEPROM, it is not necessary to poll the
device for a ready condition since writes occur at bus
speed. So, by the time a new bus transaction can be
shifted into the device, a write operation will be
complete. This is explained in more detail in the
interface section.
Users expect several obvious system benefits from
the FM25L16B due to its fast write cycle and high
endurance as compared with EEPROM. In addition
there are less obvious benefits as well. For example
in a high noise environment, the fast-write operation
is less susceptible to corruption than an EEPROM
since it is completed quickly. By contrast, an
EEPROM
requiring
milliseconds
to
write
is
vulnerable to noise during much of the cycle.
Note that the FM25L16B contains no power
management circuits other than a simple internal
power-on reset. It is the user’s responsibility to
ensure that VDD is within datasheet tolerances to
prevent incorrect operation. It is recommended
that the part is not powered down with chip select
active.
Serial Peripheral Interface – SPI Bus
The
FM25L16B
employs
a
Serial
Peripheral
Interface (SPI) bus. It is specified to operate at speeds
up to 20 MHz. This high-speed serial bus provides
high performance serial communication to a host
microcontroller.
Many common
microcontrollers
have hardware SPI ports allowing a direct interface.
It is quite simple to emulate the port using ordinary
port pins for microcontrollers that do not. The
FM25L16B operates in SPI Mode 0 and 3.
The SPI interface uses a total of four pins: clock,
data-in, data-out, and chip select. A typical system
configuration uses one or more FM25L16B devices
with a microcontroller that has a dedicated SPI port,
as Figure 2 illustrates. Note that the clock, data-in,
and data-out pins are common among all devices.
The Chip Select and Hold pins must be driven
separately for each FM25L16B device.
For a microcontroller that has no dedicated SPI bus, a
general purpose port may be used. To reduce
hardware resources on the controller, it is possible to
connect the two data pins (SI, SO) together and tie
off (high)
the
Hold
pin.
Figure
3
shows
a
configuration that uses only three pins.
Protocol Overview
The SPI interface is a synchronous serial interface
using clock and data pins. It is intended to support
multiple devices on the bus. Each device is activated
using a chip select. Once chip select is activated by
the bus master, the FM25L16B will begin monitoring
the clock and data lines. The relationship between the
falling edge of /CS, the clock and data is dictated by
the SPI mode. The device will make a determination
of the SPI mode on the falling edge of each chip
select. While there are four such modes, the
FM25L16B supports Modes 0 and 3. Figure 4 shows
the required signal relationships for Modes 0 and 3.
For both modes, data is clocked into the FM25L16B
on the rising edge of SCK and data is expected on the
first rising edge after /CS goes active. If the clock
begins from a high state, it will fall prior to beginning
data transfer in order to create the first rising edge.
The SPI protocol is controlled by op-codes. These
op-codes specify the commands to the device. After
/CS is activated the first byte transferred from the bus
master is the op-code. Following the op-code, any
addresses and data are then transferred. Note that the
WREN and WRDI op-codes are commands with no
subsequent data transfer.
Important: The /CS must go inactive (high) after
an operation is complete and before a new op-code
can be issued. There is one valid op-code only per
active chip select.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com