Electronic Components Datasheet Search
  English  ▼

X  

FM25L16B Datasheet(PDF) 1 Page - Ramtron International Corporation

Part # FM25L16B
Description  16Kb Serial 3V F-RAM Memory
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM25L16B Datasheet(HTML) 1 Page - Ramtron International Corporation

  FM25L16B Datasheet HTML 1Page - Ramtron International Corporation FM25L16B Datasheet HTML 2Page - Ramtron International Corporation FM25L16B Datasheet HTML 3Page - Ramtron International Corporation FM25L16B Datasheet HTML 4Page - Ramtron International Corporation FM25L16B Datasheet HTML 5Page - Ramtron International Corporation FM25L16B Datasheet HTML 6Page - Ramtron International Corporation FM25L16B Datasheet HTML 7Page - Ramtron International Corporation FM25L16B Datasheet HTML 8Page - Ramtron International Corporation FM25L16B Datasheet HTML 9Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Preliminary
This product conforms to specifications per the terms of the Ramtron
Ramtron International Corporation
standard warranty. The product has completed Ramtron’s internal
1850 Ramtron Drive, Colorado Springs, CO 80921
qualification testing and has reached production status.
(800) 545-F-RAM, (719) 481-7000
www.ramtron.com
Rev. 1.3
Mar. 2011
Page 1 of 14
FM25L16B
16Kb Serial 3V F-RAM Memory
Features
16K bit Ferroelectric Nonvolatile RAM
•
Organized as 2,048 x 8 bits
•
High Endurance 100 Trillion (10
14) Read/Writes
•
38 Year Data Retention (@ +75ºC)
•
NoDelay™ Writes
•
Advanced High-Reliability Ferroelectric Process
Very Fast Serial Peripheral Interface - SPI
•
Up to 20 MHz Frequency
•
Direct Hardware Replacement for EEPROM
•
SPI Mode 0 & 3 (CPOL, CPHA=0,0 & 1,1)
Sophisticated Write Protection Scheme
•
Hardware Protection
•
Software Protection
Low Power Consumption
•
Low Voltage Operation 2.7-3.6V
•
200
µA Active Current (1 MHz)
•
3
µA (typ.) Standby Current
Industry Standard Configuration
•
Industrial Temperature -40
°C to +85°C
•
8-pin “Green”/RoHS SOIC and TDFN Packages
Description
The FM25L16B is a 16-kilobit nonvolatile memory
employing an advanced ferroelectric process. A
ferroelectric random access memory or F-RAM is
nonvolatile and performs reads and writes like a
RAM. It provides reliable data retention for 38 years
while eliminating the complexities, overhead, and
system
level
reliability
problems
caused
by
EEPROM and other nonvolatile memories.
The FM25L16B performs write operations at bus
speed. No write delays are incurred. Data is written to
the memory array immediately after each byte has
been transferred to the device. The next bus cycle
may commence without the need for data polling.
The FM25L16B is capable of supporting 10
14
read/write cycles, or a million times more write
cycles than EEPROM.
These capabilities make the FM25L16B ideal for
nonvolatile memory applications requiring frequent
or rapid writes. Examples range from data collection,
where the number of write cycles may be critical, to
demanding industrial controls where the long write
time of EEPROM can cause data loss.
The FM25L16B provides substantial benefits to users
of
serial
EEPROM
as
a
hardware
drop-in
replacement. The FM25L16B uses the high-speed
SPI bus, which enhances the high-speed write
capability
of
F-RAM
technology.
Device
specifications are guaranteed over an industrial
temperature range of -40°C to +85°C.
Pin Configuration
Pin Name
Function
/CS
Chip Select
/WP
Write Protect
/HOLD
Hold
SCK
Serial Clock
SI
Serial Data Input
SO
Serial Data Output
VDD
Supply Voltage
VSS
Ground
Ordering Information
FM25L16B-G
“Green”/RoHS 8-pin SOIC
FM25L16B-GTR
“Green”/RoHS 8-pin SOIC,
Tape & Reel
FM25L16B-DG
“Green”/RoHS 8-pin TDFN
FM25L16B-DGTR
“Green”/RoHS 8-pin TDFN,
Tape & Reel
/CS
SO
/WP
VSS
VDD
/HOLD
SCK
SI
8
7
6
5
1
2
3
4
Top View
CS
SO
WP
VSS
VDD
HOLD
SCK
SI
1
2
3
4
8
7
6
5


Similar Part No. - FM25L16B

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
FM25L16B CYPRESS-FM25L16B Datasheet
473Kb / 14P
16Kb Serial 3V F-RAM Memory
FM25L16B-DG CYPRESS-FM25L16B-DG Datasheet
473Kb / 14P
16Kb Serial 3V F-RAM Memory
FM25L16B-DG CYPRESS-FM25L16B-DG Datasheet
432Kb / 15P
16Kb Serial 3V F-RAM Memory
FM25L16B-DGTR CYPRESS-FM25L16B-DGTR Datasheet
473Kb / 14P
16Kb Serial 3V F-RAM Memory
FM25L16B-DGTR CYPRESS-FM25L16B-DGTR Datasheet
432Kb / 15P
16Kb Serial 3V F-RAM Memory
More results

Similar Description - FM25L16B

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM24C16C RAMTRON-FM24C16C Datasheet
274Kb / 12P
16Kb Serial 5V F-RAM Memory
FM24CL16B RAMTRON-FM24CL16B Datasheet
287Kb / 13P
16Kb Serial 3V F-RAM Memory
FM25C160C RAMTRON-FM25C160C Datasheet
281Kb / 13P
16Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM24C16B CYPRESS-FM24C16B Datasheet
376Kb / 12P
16Kb Serial 5V F-RAM Memory
FM24CL16B CYPRESS-FM24CL16B Datasheet
363Kb / 13P
16Kb Serial 3V F-RAM Memory
FM25C160B CYPRESS-FM25C160B Datasheet
451Kb / 13P
16Kb Serial 5V F-RAM Memory
FM25L16B CYPRESS-FM25L16B Datasheet
473Kb / 14P
16Kb Serial 3V F-RAM Memory
FM24CL16B CYPRESS-FM24CL16B_13 Datasheet
364Kb / 14P
16Kb Serial 3V F-RAM Memory
FM25C160B CYPRESS-FM25C160B_13 Datasheet
408Kb / 14P
16Kb Serial 5V F-RAM Memory
FM25L16B CYPRESS-FM25L16B_13 Datasheet
432Kb / 15P
16Kb Serial 3V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com