Electronic Components Datasheet Search
  English  ▼

X  

FM25V01 Datasheet(PDF) 1 Page - Ramtron International Corporation

Part # FM25V01
Description  128Kb Serial 3V F-RAM Memory
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM25V01 Datasheet(HTML) 1 Page - Ramtron International Corporation

  FM25V01 Datasheet HTML 1Page - Ramtron International Corporation FM25V01 Datasheet HTML 2Page - Ramtron International Corporation FM25V01 Datasheet HTML 3Page - Ramtron International Corporation FM25V01 Datasheet HTML 4Page - Ramtron International Corporation FM25V01 Datasheet HTML 5Page - Ramtron International Corporation FM25V01 Datasheet HTML 6Page - Ramtron International Corporation FM25V01 Datasheet HTML 7Page - Ramtron International Corporation FM25V01 Datasheet HTML 8Page - Ramtron International Corporation FM25V01 Datasheet HTML 9Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Preliminary
This is a product that has fixed target specifications but are subject
Ramtron International Corporation
to change pending characterization results.
1850 Ramtron Drive, Colorado Springs, CO 80921
(800) 545-FRAM, (719) 481-7000
Rev. 1.1
http://www.ramtron.com
Sept. 2011
Page 1 of 15
FM25V01
128Kb Serial 3V F-RAM Memory
Features
128K bit Ferroelectric Nonvolatile RAM
Organized as 16,384 x 8 bits
High Endurance 100 Trillion (10
14) Read/Writes
10 Year Data Retention
NoDelay™ Writes
Advanced High-Reliability Ferroelectric Process
Very Fast Serial Peripheral Interface - SPI
Up to 40 MHz Frequency
Direct Hardware Replacement for Serial Flash
SPI Mode 0 & 3 (CPOL, CPHA=0,0 & 1,1)
Write Protection Scheme
Hardware Protection
Software Protection
Device ID
Device ID reads out Manufacturer ID & Part ID
Low Voltage, Low Power
Low Voltage Operation 2.0V – 3.6V
Active Current 120 A (typ. @ 1MHz)
Standby Current 90 A (typ.)
Sleep Mode Current 5 A (typ.)
Industry Standard Configurations
Industrial Temperature -40C to +85C
8-pin “Green”/RoHS SOIC Package
Description
The FM25V01 is a 128-kilobit nonvolatile memory
employing an advanced ferroelectric process. A
ferroelectric random access memory or F-RAM is
nonvolatile and performs reads and writes like a
RAM. It provides reliable data retention for 10 years
while eliminating the complexities, overhead, and
system level reliability problems caused by Serial
Flash and other nonvolatile memories.
Unlike Serial Flash, the FM25V01 performs write
operations at bus speed. No write delays are incurred.
Data is written to the memory array immediately
after it has been transferred to the device. The next
bus cycle may commence without the need for data
polling.
The
product
offers
very
high
write
endurance, orders of magnitude more endurance than
Serial Flash. Also, F-RAM exhibits lower power
consumption than Serial Flash.
These capabilities make the FM25V01 ideal for
nonvolatile memory applications requiring frequent
or rapid writes or low power operation. Examples
range from data collection, where the number of
write cycles may be critical, to demanding industrial
controls where the long write time of Serial Flash can
cause data loss.
The FM25V01 provides substantial benefits to users
of Serial Flash as a hardware drop-in replacement.
The device uses the high-speed SPI bus, which
enhances the high-speed write capability of F-RAM
technology. The device incorporates a read-only
Device ID that allows the host to determine the
manufacturer, product density, and product revision.
The
device
is
guaranteed
over
an
industrial
temperature range of -40°C to +85°C.
Pin Configuration
S
Q
W
VSS
VDD
HOLD
C
D
1
2
3
4
8
7
6
5
Pin Name
Function
/S
Chip Select
/W
Write Protect
/HOLD
Hold
C
Serial Clock
D
Serial Data Input
Q
Serial Data Output
VDD
Supply Voltage
VSS
Ground


Similar Part No. - FM25V01

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
FM25V01 CYPRESS-FM25V01 Datasheet
508Kb / 15P
128Kb Serial 3V F-RAM Memory
FM25V01 CYPRESS-FM25V01 Datasheet
471Kb / 18P
128Kb Serial 3V F-RAM Memory
FM25V01-G CYPRESS-FM25V01-G Datasheet
508Kb / 15P
128Kb Serial 3V F-RAM Memory
FM25V01-G CYPRESS-FM25V01-G Datasheet
471Kb / 18P
128Kb Serial 3V F-RAM Memory
FM25V01-GTR CYPRESS-FM25V01-GTR Datasheet
508Kb / 15P
128Kb Serial 3V F-RAM Memory
More results

Similar Description - FM25V01

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM24V01 RAMTRON-FM24V01 Datasheet
317Kb / 14P
128Kb Serial 3V F-RAM Memory
FM25V02 RAMTRON-FM25V02 Datasheet
343Kb / 17P
256Kb Serial 3V F-RAM Memory
FM25V10 RAMTRON-FM25V10 Datasheet
333Kb / 16P
1Mb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24CL64B CYPRESS-FM24CL64B Datasheet
354Kb / 13P
64Kb Serial 3V F-RAM Memory
FM24V01 CYPRESS-FM24V01 Datasheet
378Kb / 14P
128Kb Serial 3V F-RAM Memory
FM25V01 CYPRESS-FM25V01 Datasheet
508Kb / 15P
128Kb Serial 3V F-RAM Memory
FM24CL16B CYPRESS-FM24CL16B_13 Datasheet
364Kb / 14P
16Kb Serial 3V F-RAM Memory
FM24V01 CYPRESS-FM24V01_13 Datasheet
389Kb / 15P
128Kb Serial 3V F-RAM Memory
FM25H20 CYPRESS-FM25H20 Datasheet
438Kb / 16P
2Mb Serial 3V F-RAM Memory
FM25V01 CYPRESS-FM25V01 Datasheet
471Kb / 18P
128Kb Serial 3V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com