Electronic Components Datasheet Search
  English  ▼

X  

FM25V01 Datasheet(PDF) 13 Page - Ramtron International Corporation

Part # FM25V01
Description  128Kb Serial 3V F-RAM Memory
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM25V01 Datasheet(HTML) 13 Page - Ramtron International Corporation

Back Button FM25V01 Datasheet HTML 7Page - Ramtron International Corporation FM25V01 Datasheet HTML 8Page - Ramtron International Corporation FM25V01 Datasheet HTML 9Page - Ramtron International Corporation FM25V01 Datasheet HTML 10Page - Ramtron International Corporation FM25V01 Datasheet HTML 11Page - Ramtron International Corporation FM25V01 Datasheet HTML 12Page - Ramtron International Corporation FM25V01 Datasheet HTML 13Page - Ramtron International Corporation FM25V01 Datasheet HTML 14Page - Ramtron International Corporation FM25V01 Datasheet HTML 15Page - Ramtron International Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
FM25V01 - 128Kb SPI FRAM
Rev. 1.1
Sept. 2011
Page 13 of 15
/HOLD Timing
S
C
Q
HOLD
tHS
tHH
tHZ
tLZ
tHS
tHH
Power Cycle Timing
VDD min.
VDD
S
tVR
tPD
tPU
tVF
Power Cycle & Sleep Timing (TA = -40 C to + 85 C, VDD = 2.0V to 3.6V, unless otherwise specified)
Symbol
Parameter
Min
Max
Units
Notes
tVR
VDD Rise Time
50
-
s/V
1,2
tVF
VDD Fall Time
100
-
s/V
1,2
tPU
Power Up (VDD min) to First Access (/S low)
250
-
s
3
tPD
Last Access (/S high) to Power Down (VDD min)
0
-
s
tREC
Recovery Time from Sleep Mode
-
400
s
Notes
1.
This parameter is characterized and not 100% tested.
2.
Slope measured at any point on VDD waveform.
3.
Applies to VDD > 2.7V. When powering up to VDD < 2.7V, the tPU limit is 500 s.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com